Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1374_V1 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXLD1374_V1
Description  Versatile LED driver increases reliability of high brightness lamps
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1374_V1 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXLD1374_V1 Datasheet HTML 1Page - Diodes Incorporated ZXLD1374_V1 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Announcement
New Product
ZXLD1374
NPA Number 001
ZXLD1374
Versatile LED driver increases
reliability of high brightness lamps
The ZXLD1374 is a high
accuracy 1.5A LED driver
that can be used as a
Buck converter
Boost converter
Buck-Boost converter.
The device can drive up to
16 LEDs in series from a
voltage source of 6.5V to
60V. Series connection of
the LED provides identical
The Diodes advantage
The ZXLD1374 provide simple high reliability solution for
driving multiple extremely high brightness LEDs in multiple
topologies
High accuracy LED control: 1% reference tolerance
Better brightness control and matching between lamps
Multi topology device
LED currents resulting in
uniform brightness and
eliminates the need for
ballast resistors.
The ZXLD1374 switches
at frequencies up to
Multi-topology device
1 device can be used in buck lighting, boost light and buck-boost
lighting apps
LED thermal management via external thermistor
Improves reliability of LED lamps
Separate 1000:1 PWM dimming capability
Improves dynamic range of dimming at lower light levels
Switching frequency up to 1MHz
qp
1MHz, which allows the
use of small size external
components. This coupled
with small footprint
TSSOP-20EP reduces the
required PCB area.
Circuit functions
Buck driving of 3W and 1W
LEDs
Boost and Buck-boost
driving of 1W LEDs
Switching frequency up to 1MHz
Reduces value of inductor reducing size of solution
Two- pin diagnostic feedback pins
Reports back to system the state of LED driver and load can be used
to increase reliability of overall system
www.diodes.com
LEDs
Constant Current Source
driving of 1W LEDs


Similar Part No. - ZXLD1374_V1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1374EST20TC DIODES-ZXLD1374EST20TC Datasheet
733Kb / 35P
   60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
DS35032 Rev. 1 - 2
ZXLD1374EST20TC DIODES-ZXLD1374EST20TC Datasheet
844Kb / 37P
   60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST
ZXLD1374 DIODES-ZXLD1374_11 Datasheet
844Kb / 37P
   60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST
More results

Similar Description - ZXLD1374_V1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1370_V1 DIODES-ZXLD1370_V1 Datasheet
238Kb / 2P
   Versatile LED driver increases reliability of high brightness lamps
logo
Bruckewell Technology L...
BW9910 BWTECH-BW9910 Datasheet
1Mb / 14P
   High Brightness LED Driver
logo
Princeton Technology Co...
PT6903 PTC-PT6903 Datasheet
233Kb / 4P
   High Brightness LED Driver
PT6903 PTC-PT6903_10 Datasheet
233Kb / 4P
   High Brightness LED Driver
PT6905 PTC-PT6905 Datasheet
358Kb / 4P
   High Brightness LED Driver
logo
Micro Electronics
MSB34XA MICRO-ELECTRONICS-MSB34XA Datasheet
102Kb / 2P
   3mm CYLINDRIC HIGH BRIGHTNESS LED LAMPS
MOB51CRAH MICRO-ELECTRONICS-MOB51CRAH Datasheet
47Kb / 1P
   ULTRA HIGH BRIGHTNESS ORANGE LED LAMPS
logo
Gamma Microelectronics ...
GM9910B GAMMA-GM9910B Datasheet
192Kb / 8P
   UNIVERAL HIGH BRIGHTNESS LED DRIVER
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
   Universal High-Brightness LED Driver
01/27/15
logo
Richtek Technology Corp...
RT8471 RICHTEK-RT8471 Datasheet
237Kb / 15P
   Hysteretic, High Brightness LED Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com