Selected language     English  ā–¼


STX-3680-5NB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. STX-3680-5NB
Description  AUDIO JACKS: STX-3680 Series
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 2013
AUDIO JACKS: STX-3680 Series
Vertical Mount 3.5mm Audio Jack
Product Features
Meets the Accelerated Market Needs for Higher
Performance and Smaller Size Portable Devices.
Used in Devices Such as Car Audio and
Navigation Equipment,etc.
Complies with EIA Standards
CSA/NRTL Certified File No. LR78160
Performance Specifications
Materials and Finish
Housing
Thermoplastic, UL 94V-0 Rated
Terminals
Copper Alloy, Silver Plating
Electrical Characteristics
Contact Resistance
Before Durability Test
50 milliohms Max.
After Durability Test
100 milliohms Max.
Insulation Resistance
100 Megohms Min. at 500V DC
Dielectric Withstanding Voltage
500V AC RMS for 1 Minute
Operating Temperature
-25Ā°C to + 85Ā°C
STX-3680
Dimensions in mm
Contact Kycon for other options
Series
STX-3680 - Vertical Mount 3.5mm Audio Jack
Number of Pins
5 - Pins
Threading Option
N - Non-Threaded Barrel
Back Plate Option
B - With Back Plate
PC99 Color Option
Blank - Black
557C - Green
701C - Pink
Generated Part Number
Part Number Builder
Series
Number
of Pins
Threading
Option
Back Plate
Option
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
Color
Option
LR78160
STX-3680-5NB
STX-3680
5
N
B




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl