Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA741IN Datasheet(PDF) 6 Page - STMicroelectronics

Part # UA741IN
Description  General-purpose single operational amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UA741IN Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UA741IN Datasheet HTML 2Page - STMicroelectronics UA741IN Datasheet HTML 3Page - STMicroelectronics UA741IN Datasheet HTML 4Page - STMicroelectronics UA741IN Datasheet HTML 5Page - STMicroelectronics UA741IN Datasheet HTML 6Page - STMicroelectronics UA741IN Datasheet HTML 7Page - STMicroelectronics UA741IN Datasheet HTML 8Page - STMicroelectronics UA741IN Datasheet HTML 9Page - STMicroelectronics UA741IN Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Electrical characteristics
UA741
6/11
DocID5304 Rev 3
GBP
Gain bandwidth product
Vi = 10 mV, RL = 2 kΩ, CL = 100 pF, f =100 kHz
0.7
1
MHz
THD
Total harmonic distortion
f = 1 kHz, Av = 20 dB, RL = 2 kΩ, Vo = 2 Vpp, CL = 100 pF,
Tamb = +25° C
0.06
%
en
Equivalent input noise voltage
f = 1 kHz, Rs = 100 Ω
23
∅m
Phase margin
50
Degree
Table 3. Electrical characteristics at VCC = ±15 V, Tamb = 25 °C
(unless otherwise specified) (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit
nV
Hz
------------


Similar Part No. - UA741IN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UA741IN STMICROELECTRONICS-UA741IN Datasheet
490Kb / 11P
   GENERAL-PURPOSE SINGLE OP-AMPs
UA741IN STMICROELECTRONICS-UA741IN Datasheet
153Kb / 11P
   General-purpose single operational amplifier
UA741IN STMICROELECTRONICS-UA741IN Datasheet
153Kb / 11P
   General-purpose single operational amplifier
UA741IN14 STMICROELECTRONICS-UA741IN14 Datasheet
490Kb / 11P
   GENERAL-PURPOSE SINGLE OP-AMPs
More results

Similar Description - UA741IN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741_01 Datasheet
88Kb / 5P
   GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM741 NJRC-NJM741 Datasheet
174Kb / 5P
   SINGLE GENERAL PURPOSE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
UA741MD STMICROELECTRONICS-UA741MD Datasheet
153Kb / 11P
   General-purpose single operational amplifier
UA741 STMICROELECTRONICS-UA741_05 Datasheet
153Kb / 11P
   General-purpose single operational amplifier
UA741CDT STMICROELECTRONICS-UA741CDT Datasheet
153Kb / 11P
   General-purpose single operational amplifier
logo
Texas Instruments
OPA171-Q1 TI1-OPA171-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   Single-Supply, General-Purpose Operational Amplifier
logo
STMicroelectronics
TL081 STMICROELECTRONICS-TL081 Datasheet
91Kb / 9P
   GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
TL081 STMICROELECTRONICS-TL081_07 Datasheet
321Kb / 14P
   GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA171-Q1 TI1-OPA171-Q1 Datasheet
767Kb / 18P
[Old version datasheet]   36V, SINGLE-SUPPLY, GENERAL-PURPOSE OPERATIONAL AMPLIFIER
UA702M TI-UA702M Datasheet
193Kb / 4P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com