Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HKMSOP8 Datasheet(PDF) 7 Page - Roithner LaserTechnik GmbH

Part # HKMSOP8
Description  155MHz LASER SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

HKMSOP8 Datasheet(HTML) 7 Page - Roithner LaserTechnik GmbH

  HKMSOP8 Datasheet HTML 1Page - Roithner LaserTechnik GmbH HKMSOP8 Datasheet HTML 2Page - Roithner LaserTechnik GmbH HKMSOP8 Datasheet HTML 3Page - Roithner LaserTechnik GmbH HKMSOP8 Datasheet HTML 4Page - Roithner LaserTechnik GmbH HKMSOP8 Datasheet HTML 5Page - Roithner LaserTechnik GmbH HKMSOP8 Datasheet HTML 6Page - Roithner LaserTechnik GmbH HKMSOP8 Datasheet HTML 7Page - Roithner LaserTechnik GmbH HKMSOP8 Datasheet HTML 8Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
iC-HK, iC-HKB
155 MHz LASER SWITCH
Rev F1, Page 7/8
DESCRIPTION OF FUNCTIONS
Laser current dependency of V(Cl), RK1, RK2
Depending on the laser diode different diode currents
are necessary to obtain the required laser power. The
values for V(CI), RK1 and RK2 can be determined for
the required diode current at room temperature from
the opposite diagram. A parallel to the x axis must be
drawn through the desired diode current. Either RKx
can be obtained for a required value of V(CI) or the
respective value of V(VI) can be achieved for a given
RKx.
Thermal Shutdown
iC-HK/B is protected by an integrated thermal shut-
down feature.
When the shutdown temperature is
reached both channels are locked.
RKx= 0
RKx= 1
RKx= 2
RKx= 3
RKx= 4
RKx= 5
RKx= 6
RKx= 8
RKx= 10
RKx= 15
RKx= 20
RKx= 30
RKx= 50
I(LDK)
V(CI)
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6 V
0
50
100
150
200
250
300 mA
3
1
2
Figure 9: Diode current vs. V(Cl) at Tj = 27 °C
APPLICATION NOTES
Application notes for iC-HK are available as a separate document.
iC-Haus expressly reserves the right to change its products and/or specifications. An Infoletter gives details as to any amendments and additions made to the
relevant current specifications on our internet website www.ichaus.de/infoletter; this letter is generated automatically and shall be sent to registered users by
email.
Copying – even as an excerpt – is only permitted with iC-Haus approval in writing and precise reference to source.
iC-Haus does not warrant the accuracy, completeness or timeliness of the specification on this site and does not assume liability for any errors or omissions
in the materials. The data specified is intended solely for the purpose of product description. No representations or warranties, either express or implied, of
merchantability, fitness for a particular purpose or of any other nature are made hereunder with respect to information/specification or the products to which
information refers and no guarantee with respect to compliance to the intended use is given. In particular, this also applies to the stated possible applications or
areas of applications of the product.
iC-Haus conveys no patent, copyright, mask work right or other trade mark right to this product. iC-Haus assumes no liability for any patent and/or other trade
mark rights of a third party resulting from processing or handling of the product and/or any other use of the product.
As a general rule our developments, IPs, principle circuitry and range of Integrated Circuits are suitable and specifically designed for appropriate use in technical
applications, such as in devices, systems and any kind of technical equipment, in so far as they do not infringe existing patent rights. In principle the range of
use is limitless in a technical sense and refers to the products listed in the inventory of goods compiled for the 2008 and following export trade statistics issued
annually by the Bureau of Statistics in Wiesbaden, for example, or to any product in the product catalogue published for the 2007 and following exhibitions in
Hanover (Hannover-Messe).
We understand suitable application of our published designs to be state-of-the-art technology which can no longer be classed as inventive under the stipulations
of patent law. Our explicit application notes are to be treated only as mere examples of the many possible and extremely advantageous uses our products can
be put to.


Similar Description - HKMSOP8

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HK ICHAUS-IC-HK_1 Datasheet
980Kb / 13P
   155MHz LASER SWITCH
IC-HK ICHAUS-IC-HK_15 Datasheet
422Kb / 10P
   155MHz LASER SWITCH
IC-HK ICHAUS-IC-HK Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
Roithner LaserTechnik G...
HKSO8-TP ROITHNER-HKSO8-TP Datasheet
322Kb / 8P
   155MHz LASER SWITCH
HKBMSOP8 ROITHNER-HKBMSOP8 Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
IC-Haus GmbH
IC-HB ICHAUS-IC-HB_13 Datasheet
1Mb / 8P
   TRIPLE 155MHz LASER SWITCH
IC-HB ICHAUS-IC-HB Datasheet
586Kb / 8P
   TRIPLE 155MHz LASER SWITCH
logo
Roithner LaserTechnik G...
HBQFN24 ROITHNER-HBQFN24 Datasheet
1Mb / 8P
   TRIPLE 155MHz LASER SWITCH
logo
TAI-SAW TECHNOLOGY CO.,...
TA155E1 TAI-SAW-TA155E1 Datasheet
198Kb / 4P
   SAW Filter 155MHz
logo
IC-Haus GmbH
IC-HG ICHAUS-IC-HG Datasheet
844Kb / 19P
   3A LASER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com