Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UB1113F Datasheet(PDF) 10 Page - STANLEY ELECTRIC CO.,LTD.

Part # UB1113F
Description  Right Angle Type (2.1 x 1.0 mm) Type, Milky White resin
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

UB1113F Datasheet(HTML) 10 Page - STANLEY ELECTRIC CO.,LTD.

Back Button UB1113F Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. UB1113F Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. UB1113F Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. UB1113F Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. UB1113F Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. UB1113F Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. UB1113F Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. UB1113F Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. UB1113F Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
特性グラフ(UC)
Page 10
2004.9.29
Single Color Ultra High Brightness Type
U□1113F Series
周囲温度-相対光度 特性
Ambient Temperature vs. Relative Intensity
条件/Condition : I
F=20mA
周囲温度/Ambient Temperature : Ta(℃)
順電流低減定格
Ambient Temperature vs. Maximum Forward Current
繰り返し周波数 : f ≧ 50Hz
周囲温度/Ambient Temperature : Ta(℃)
許容損失定格
Power Dissipation vs. Ambient Temperature
周囲温度/Ambient Temperature : Ta(℃)
パルス幅-最大許容ピーク電流
Pulse Width vs. Maximum Tolerable Peak Current
条件/Condition : Ta = 25℃
パルス幅 / Pulse Width : tw (μs)


Similar Part No. - UB1113F

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
UB1113F STANLEY-UB1113F Datasheet
317Kb / 20P
   Single Color Ultra High Brightness Type
UB1113F STANLEY-UB1113F Datasheet
1Mb / 18P
   Single Color Ultra High Brightness Type
UB1113F STANLEY-UB1113F_12 Datasheet
1Mb / 18P
   Single Color Ultra High Brightness Type
More results

Similar Description - UB1113F

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
PG1113F STANLEY-PG1113F Datasheet
286Kb / 15P
   Single Color Right Angle Type (2.1 X 1.0 mm)
BRBG1201W STANLEY-BRBG1201W Datasheet
296Kb / 14P
   Bi-color Type (3.0 X 2.5 mm), Milky White resin
BRPY1204W STANLEY-BRPY1204W Datasheet
311Kb / 14P
   Bi-Color Type(3.0 x 2.0mm), Milky White resin
BRBG1204W STANLEY-BRBG1204W Datasheet
311Kb / 14P
   Bi-Color Type(3.0 x 2.0mm), Milky White resin
FY1111C-TR STANLEY-FY1111C-TR Datasheet
374Kb / 20P
   1608 (h=0.7mm) Type, Milky White resin
PG1112H-TR STANLEY-PG1112H-TR Datasheet
431Kb / 21P
   2125(h =0.8mm) Type, Milky White resin
PY1112H-TR STANLEY-PY1112H-TR Datasheet
431Kb / 21P
   2125(h 0.8mm) Type, Milky White resin
logo
Seoul Semiconductor
HB601R SEOUL-HB601R Datasheet
401Kb / 12P
   2.1*1.0*0.6 mm Side Type Wavelength: 470nm
logo
Kingbright Corporation
APA3010P3BT-P22 KINGBRIGHT-APA3010P3BT-P22 Datasheet
566Kb / 4P
   3.0 mm x 1.0 mm Right Angle Phototransistor
logo
HK TO-GRACE TECHNOLOGY ...
KPA-2107CGCK TO-GRACE-KPA-2107CGCK Datasheet
849Kb / 4P
   2.1 x 0.6 mm Right Angle Surface LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com