Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX5T949ZTA Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZX5T949ZTA
Description  MPPS??30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZX5T949ZTA Datasheet(HTML) 5 Page - Diodes Incorporated

  ZX5T949ZTA Datasheet HTML 1Page - Diodes Incorporated ZX5T949ZTA Datasheet HTML 2Page - Diodes Incorporated ZX5T949ZTA Datasheet HTML 3Page - Diodes Incorporated ZX5T949ZTA Datasheet HTML 4Page - Diodes Incorporated ZX5T949ZTA Datasheet HTML 5Page - Diodes Incorporated ZX5T949ZTA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ZX5T949Z
SEMICO NDUC TORS
ISSUE 3 - DECEMBER 2004
5
TYPICAL CHARACTERISTICS
OBSOLETE - PLEASE USE ZXTP2008Z


Similar Part No. - ZX5T949ZTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T949ZTA ZETEX-ZX5T949ZTA Datasheet
124Kb / 6P
   MPPS TM 30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
More results

Similar Description - ZX5T949ZTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T949Z ZETEX-ZX5T949Z Datasheet
124Kb / 6P
   MPPS TM 30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTP2008Z DIODES-ZXTP2008Z Datasheet
120Kb / 6P
   30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2008Z DIODES-ZXTP2008Z_15 Datasheet
120Kb / 6P
   30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTN2007Z DIODES-ZXTN2007Z_15 Datasheet
141Kb / 6P
   30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTN2007Z DIODES-ZXTN2007Z Datasheet
141Kb / 6P
   30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T849Z DIODES-ZX5T849Z Datasheet
128Kb / 6P
   30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Zetex Semiconductors
ZX5T849Z ZETEX-ZX5T849Z Datasheet
119Kb / 6P
   30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTN2007Z ZETEX-ZXTN2007Z Datasheet
120Kb / 6P
   30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2008Z ZETEX-ZXTP2008Z Datasheet
111Kb / 6P
   30V PNP LOW SATURATION MEDUIM POWER TRANSISTOR IN SOT89
ZXTP2012Z ZETEX-ZXTP2012Z Datasheet
122Kb / 6P
   60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com