Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPS2-14-33 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # BPS2-14-33
Description  BIAS 2 Watt Power Supply BPS 2 Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BPS2-14-33 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  BPS2-14-33 Datasheet HTML 1Page - List of Unclassifed Manufacturers BPS2-14-33 Datasheet HTML 2Page - List of Unclassifed Manufacturers BPS2-14-33 Datasheet HTML 3Page - List of Unclassifed Manufacturers BPS2-14-33 Datasheet HTML 4Page - List of Unclassifed Manufacturers BPS2-14-33 Datasheet HTML 5Page - List of Unclassifed Manufacturers BPS2-14-33 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BPS 2 Series Data Sheet, Page
4 of 5
BIAS Power
Revised 01/26/2011
www.biaspower.com
Specifications subject to change
BIAS 2 Watt Power Supply
BPS 2 Series Data Sheet
Single (Vo) or Dual (Vo & Vr) output
BPS 2-08-00, -08-33, -08-50
BPS 2-14-00, -14-33, -14-50
BPS 2-24-00
Minim um Output Pow er VS Tem perature
60Hz
14V Model
1.50
1.60
1.70
1.80
1.90
2.00
2.10
2.20
0
10
20
30
40
50
60
70
Temp (C)
85Vac
120Vac
240Vac
265Vac
Typical Output Pow er VS Tem perature
50Hz
14V Model
1.50
1.60
1.70
1.80
1.90
2.00
2.10
2.20
0
10
20
30
40
50
60
70
Temp (C)
85Vac
120Vac
240Vac
265Vac
M inim um Output Pow er VS Tem perature
50Hz
14V M odel
1.30
1.40
1.50
1.60
1.70
1.80
0
10
20
30
40
50
60
70
Temp (C)
85Vac
120Vac
240Vac
265Vac
Typical Output Pow er VS Tem perature
60Hz
14V Model
1.90
2.00
2.10
2.20
2.30
2.40
2.50
2.60
0
10
20
30
40
50
60
70
Temp (C)
85Vac
120Vac
240Vac
265Vac


Similar Part No. - BPS2-14-33

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
BPS2.3-12 BB-BATTERY-BPS2.3-12 Datasheet
127Kb / 1P
   Maintenance Free(topping up not needed)
BPS20-12 BB-BATTERY-BPS20-12 Datasheet
127Kb / 1P
   Maintenance Free(topping up not needed)
logo
List of Unclassifed Man...
BPS200 ETC1-BPS200 Datasheet
136Kb / 2P
   Standby Supply Module
logo
B. B. Battery Co., Ltd.
BPS200-12 BB-BATTERY-BPS200-12 Datasheet
166Kb / 1P
   VRLA Rechageable Battery
logo
List of Unclassifed Man...
BPS200A-0600 ETC1-BPS200A-0600 Datasheet
136Kb / 2P
   Standby Supply Module
More results

Similar Description - BPS2-14-33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BPS1-08-00 ETC2-BPS1-08-00 Datasheet
267Kb / 6P
   BIAS 1 Watt Power Supply BPS 1 Series
BPSX2-08-00 ETC2-BPSX2-08-00 Datasheet
857Kb / 3P
   BIAS 2 Watt Power Supply BPSX 2 Series
BPWX2-08-00 ETC2-BPWX2-08-00 Datasheet
849Kb / 2P
   BIAS 2 Watt Power Supply BPWX 2 Series
BPH05-08-00 ETC2-BPH05-08-00 Datasheet
816Kb / 3P
   BIAS 1/2 Watt Power Supply BPH 0.5 Series
BPSX05-08-00 ETC2-BPSX05-08-00 Datasheet
827Kb / 3P
   BIAS 1/2 Watt Power Supply BPSX 0.5 Series
BPW05-08-00 ETC2-BPW05-08-00 Datasheet
268Kb / 6P
   BIAS 1/2 Watt Power Supply BPW 0.5 Series
BPWX05-08-00 ETC2-BPWX05-08-00 Datasheet
828Kb / 3P
   BIAS 1/2 Watt Power Supply BPWX 0.5 Series
logo
DB Lectro Inc
BPS-2 DBLECTRO-BPS-2 Datasheet
71Kb / 1P
   BPS-2
logo
List of Unclassifed Man...
BPH1-08-00 ETC2-BPH1-08-00 Datasheet
261Kb / 6P
   BIAS 1 Watt Power Supply BPH 1 Series
BPW1-08-00 ETC2-BPW1-08-00 Datasheet
268Kb / 6P
   BIAS 1 Watt Power Supply BPW 1 Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com