Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZVN1409A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZVN1409A
Description  N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZVN1409A Datasheet(HTML) 2 Page - Diodes Incorporated

  ZVN1409A Datasheet HTML 1Page - Diodes Incorporated ZVN1409A Datasheet HTML 2Page - Diodes Incorporated ZVN1409A Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
N-CHANNEL ENHANCEMENT
MODE VERTICAL DMOS FET
ISSUE 2 – MARCH 94
FEATURES
*
90 Volt V
DS
*
Low input capacitance
*
Fast switching
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Drain-Source Voltage
VDS
90
V
Continuous Drain Current
ID
10
mA
Pulsed Drain Current
IDM
40
mA
Gate Source Voltage
VGS
± 20
V
Power Dissipation at Tamb=25°C
Ptot
625
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
CONDITIONS.
Drain-Source Breakdown
Voltage
BVDSS
90
V
ID=0.1mA, VGS=0V
Gate-Source Breakdown
Voltage
VGS(th)
0.8
2.4
V
ID=0.1mA, VDS= VGS
Gate Body Leakage
IGSS
100
nA
VGS=± 20V, VDS=0V
Zero Gate Voltage Drain
Current
IDSS
1
100 (2)
µA
µA
VDS=90V, VGS=0V
VDS=72V, VGS=0V,
T=125°C
On State Drain Current (1)
ID(on)
10
mA
VDS=25 V, VGS=10V
Static Drain Source On State
Resistance (1)
RDS(on)
250
VGS=10V,ID=5mA
Forward Transconductance (1)(
2)
gfs
2mS
VDS=25V,ID=10mA
Input Capacitance (2)
Ciss
6.5
pF
Common Source Output
Capacitance (2)
Coss
3pF
VDS=25 V, VGS=0V
f=1MHz
Reverse Transfer Capacitance
(2)
Crss
0.65
pF
Turn-On Delay Time (2)(3)(4)
td(on)
0.3
ns
VDD ≈25V, ID=5mA
Rise Time (2)(3)(4)
tr
0.5
ns
Turn-Off Delay Time (2)(3)(4)
td(off)
0.35
ns
Fall Time (2)(3)(4)
tf
0.5
ns
(
1
E-Line
TO92 Compatible
ZVN1409A
3-358
D
G
S
TYPICAL CHARACTERISTICS
Output Characteristics
VDS - Drain Source Voltage (Volts)
Transfer Characteristics
0
2
4
6810
0
10
20
30
40
50
Saturation Characteristics
6
0
2
4
8
2
4
6810
10
Voltage Saturation Characteristics
VGS-Gate Source Voltage (Volts)
5V
ID=
24mA
18mA
12mA
VGS-Gate Source Voltage (Volts)
0
40
10
20
50
30
VGS=
10V
8V
VDS - Drain Source Voltage (Volts)
6V
4V
3V
02
4
6
8
10
40
10
20
50
30
VDS=
10V
Normalised RDS(on) and VGS(th) vs Temperature
-40 -20
0
20
40 60 80
120
100
140 160
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.6
0.8
Drai
n-S
ou
rc
e R
es
istan
ce
R
DS(
on
)
Gate Threshold Vo
ltage VGS
(th)
Tj-Junction Temperature (C°)
0.4
-80 -60
5V
VGS=
10V
8V
6V
4V
3V
On-resistance v drain current
ID-Drain Current (mA)
1
10
100
5V
VGS=4V
10V
100
1000
500
6V 8V
ID=5mA
VGS=10V
ID=1mA
VGS=VDS
60
70
40
10
20
50
30
ZVN1409A
3-359


Similar Part No. - ZVN1409A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results

Similar Description - ZVN1409A

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VN0104 SUTEX-VN0104 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FET
TN2524 SUTEX-TN2524_07 Datasheet
700Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
logo
Zetex Semiconductors
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210A ZETEX-ZVN4210A Datasheet
37Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110A ZETEX-ZVNL110A Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com