Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

194029 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 194029
Description  ERmet Male Wide Type A Solder
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

194029 Datasheet(HTML) 1 Page - ERNI Electronics

  194029 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Information: Level 1, 2, 3
siehe Bestückungsplan/
see contact layout
bestückt mit Lötkontakte
ohne Fixierstift /
20
(
)
10 x 2 =
20
(
)
10 x 2 =
1 )
2
8
15,4
2
10
5 x 2 =
20
10 x 2 =
20
10 x 2 =
8
2
1 max
1 max
50 max
Fehlende Maße und Angaben nach IEC 61076-4-101
Missing information and dimensions per IEC 61076-4-101
Anforderungsstufe 1 /
class 1
without locating peg
S2 - Lötanschluß
Solder connection
1)
ø 0,6
Durchmesser des metallisierten Loches
ø 0,6
Diameter of finished plated-through hole
ø 0,7
Diameter of drilled hole
ø 0,7
Bohrungsdurchmesser des Loches
±0,02
±0,02
±0,05
±0,05
Schichtaufbau im metallisierten Loch siehe Zeichnung 114406
Metal plating of plated-through hole see drawing 114406
Ident-Nr.
Firmensignet
Date Code
Scale
Designation
Tolerances
194029
ERmet Messerleiste A Löt
ERmet Male Wide Type A Solder
2:1
ERM
A
c
19.11.2003
I
All rights reserved.
Only for information.
To insure that this is the latest
version of this drawing, please
contact one of the ERNI companies
before using.
Subject to modification without
prior notice.
Drawing will not be updated.
V:00036991.SZA
Date
Index
S2
0.1
alle Löcher
25
15
11
1
z
a
b
c
d
e
f
all holes
Lochbild für Leiterplatte
(Bestückungsseite)
Board hole pattern
(Component mounting side)
25
15
11
1
z
a
b
c
d
e
f
All Dimensions
in mm
www.ERNI.com
a
b
c
d
e
f
25 24 23 22 21 20 19 18 17 16 15
11 10 9 8 7 6 5 4 3 2
1
Bestückungsplan -
contact layout
z
B
B
B
B
B
C
B
B
B
B
B
C
B
B
B
C
B
C
B
B
C
B
B
C
B
B
B
C
B
C
B
B
C
B
B
C
B
B
B
C
B
C
B
B
B
B
B
C
B
B
B
C
B
C
B
B
B
B
B
C
B
B
B
C
B
C
B
B
B
A
B
C
B
B
B
B
B
C
B
B
B
C
B
C
B
B
B
B
B
C
B
B
B
C
B
C
B
B
B
B
B
C
B
B
B
B
B
C
B
B
C
B
B
C
B
B
B
C
B
C
B
B
C
B
B
C
B
B
B
B
B
C
8.2
+0.2
9.7
+0.2
11.2
+0.2
3.7 ±0.3
A
B
C
Bezugsebene Tiefe
Datum plane depth
Level 3
Ebene -
Ebene - Level 2
Ebene - Level 1


Similar Part No. - 194029

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
19402 BELDEN-19402 Datasheet
176Kb / 2P
   Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
05-11-2023
19402-010250 BELDEN-19402-010250 Datasheet
176Kb / 2P
   Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
05-11-2023
logo
MolexKits
19402-1000 MOLEXKITS-19402-1000 Datasheet
38Kb / 2P
   SCPC Tap Splice Connector and Safety Cap
logo
Weidmuller
1940200000 WEIDMULLER-1940200000 Datasheet
189Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/03/90G 3.2SN BK BX
1940210000 WEIDMULLER-1940210000 Datasheet
189Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/04/90G 3.2SN BK BX
More results

Similar Description - 194029

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100103210086 ERNI-100103210086 Datasheet
177Kb / 1P
   ERmet Messerleiste D ERmet Male Wide Type D
100103210117 ERNI-100103210117 Datasheet
108Kb / 1P
   ERmet Federleiste A ERmet Female Type A
100103210079 ERNI-100103210079 Datasheet
114Kb / 1P
   ERmet FEderleiste A ERmet Female Type A
104702 ERNI-104702 Datasheet
157Kb / 1P
   ERmet-FS Federleiste A ERmet-Female Straight Type A
01.02.2018
100203210058 ERNI-100203210058 Datasheet
151Kb / 1P
   ERmet Messerleiste A
100101870001 ERNI-100101870001 Datasheet
148Kb / 1P
   ERmet Messerleiste A
100102100001 ERNI-100102100001 Datasheet
162Kb / 1P
   ERMET FEDERLEISTE A
064688 ERNI-064688 Datasheet
84Kb / 1P
   ERmet Messerleiste A
104732 ERNI-104732 Datasheet
111Kb / 1P
   ERMET FEDERLEISTE A
053007 ERNI-053007 Datasheet
90Kb / 1P
   ERmet Messerleiste A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com