Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-790B Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-790B
Description  Precision Isolation Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-790B Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-790B Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-790B Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-790B Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-790B Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-790B Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-790B Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-790B Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-790B Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-790B Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
Table 7. Electrical Specifications
Unless otherwise noted, TA = -40° C to +105° C, VDD1 = 4.5 V to 5.5 V, VDD2 = 3 V to 5.5 V, VIN+ = -200 mV to +200 mV, and
VIN– = 0 V (single-ended connection).
Parameter
Symbol
Min.
Typ.[1]
Max.
Unit
Test Conditions/Notes
Fig.
DC CHARACTERISTICS
Input Offset Voltage
VOS
-1
0.6
2
mV
TA = 25° C
3, 4
Magnitude of Input Offset
Change vs. Temperature
|dVOS/dTA|3
10
PV/°C
TA = -40° C to +105° C;
absolute value
5
Gain (ACPL-790B, ±0.5%)
G0
8.16
8.2
8.24
V/V
TA = 25° C; Note 2
6, 7
Gain (ACPL-790A, ±1%)
G1
8.12
8.2
8.28
V/V
TA = 25° C; Note 2
6, 7
Gain (ACPL-7900, ±3%)
G3
7.95
8.2
8.44
V/V
TA = 25° C; Note 2
6, 7
Magnitude of Gain
Change vs. Temperature
dG/dTA
-0.00041
V/V/°C
TA = -40° C to +105° C;
Note 3
8
Nonlinearity over ±200 mV
Input Voltage
NL200
0.05
0.13
%
VIN+ = -200 mV to +200 mV,
TA = 25° C; Note 2
9, 10
Magnitude of NL200
Change vs. Temperature
dNL200/dTA
0.0003
%/°C
TA = -40° C to +85° C
11
0.004
%/°C
TA = +85° C to +105° C
11
Nonlinearity over ±100 mV
Input Voltage
NL100
0.02
0.06
%
VIN+ = -100 mV to +100 mV,
TA = 25° C; Note 2
9, 10, 11
INPUTS AND OUTPUTS
Full-Scale Differential
Voltage Input Range
FSR
±300
mV
VIN = VIN+ – VIN–; Note 4
12
Input Bias Current
IIN+
-1
-0.1
PA
VIN+ = 0, VIN– = 0 V; Note 5
13
Magnitude of IIN+ Change vs.
Temperature
dIIN+/dTA
-0.05
nA/°C
Equivalent Input Impedance
RIN
22
k
:
VIN+ or VIN–, single-ended
14
Output Common-Mode Voltage
VOCM
1.23
V
VOUT+ or VOUT–; Note 6
Output Voltage Range
OVR
0 to 2.5
V
VOUT+ or VOUT–; Note 4
12
Output Short-Circuit Current
|IOSC|11
mA
VOUT+ or VOUT–,
shorted to GND2 or VDD2
Output Resistance
ROUT
21
:
VOUT+ or VOUT–
Input DC Common-Mode
Rejection Ratio
CMRRIN
76
dB
Note 2
AC CHARACTERISTICS
Signal-to-Noise Ratio
SNR
60
dB
VIN+ = 300 mVpp
10 kHz sine wave; Note 7
15, 16
Signal-to-(Noise + Distortion)
Ratio
SNDR
56
dB
VIN+ = 300 mVpp
10 kHz sine wave; Note 8
15, 16
Small-Signal Bandwidth (-3 dB)
f-3 dB
140
200
kHz
17, 18
Input to
Output
Propagation
Delay
10%-10%
tPD10
1.6
2.3
Ps
200 mV/
Ps step input
19
50%-50%
tPD50
2
2.6
Ps
200 mV/
Ps step input
19
90%-90%
tPD90
2.6
3.3
Ps
200 mV/
Ps step input
19
Output Rise/Fall Time (10%-90%)
tR/F
1.7
Ps
Step input
19
Common Mode Transient
Immunity
CMTI
10
15
kV/
Ps
VCM = 1 kV, TA = 25°C; Note 2
Power Supply Rejection
PSR
-78
dB
1 Vpp 1 kHz sine wave ripple on
VDD1, differential output; Note 9
POWER SUPPLIES
Input Side Supply Current
IDD1
13
18.5
mA
VIN+ = 400 mV; see Note 10
20
Output Side Supply Current
IDD2
7
12
mA
5 V supply
20
6.8
11
mA
3.3 V supply
20


Similar Part No. - ACPL-790B

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-790B AVAGO-ACPL-790B Datasheet
187Kb / 14P
   Precision Isolation Amplifiers
ACPL-790B-300E AVAGO-ACPL-790B-300E Datasheet
187Kb / 14P
   Precision Isolation Amplifiers
More results

Similar Description - ACPL-790B

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-790B-300E AVAGO-ACPL-790B-300E Datasheet
187Kb / 14P
   Precision Isolation Amplifiers
ACPL-7900-500E AVAGO-ACPL-7900-500E Datasheet
1Mb / 15P
   Precision Isolation Amplifiers
ACPL-7900-000E AVAGO-ACPL-7900-000E Datasheet
187Kb / 14P
   Precision Isolation Amplifiers
ACPL-C79B-000E AVAGO-ACPL-C79B-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C790-000E AVAGO-ACPL-C790-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C790-500E AVAGO-ACPL-C790-500E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79A-000E AVAGO-ACPL-C79A-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79B AVAGO-ACPL-C79B Datasheet
309Kb / 14P
   Precision Miniature Isolation Amplifiers
logo
PHOENIX CONTACT
2864105 PHOENIX-2864105 Datasheet
441Kb / 10P
   NAMUR isolation amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C78A-500E AVAGO-ACPL-C78A-500E Datasheet
278Kb / 17P
   Miniature Isolation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com