Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD022-00 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AD022-00
Description  Package Drawings and Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD022-00 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AD022-00 Datasheet HTML 2Page - List of Unclassifed Manufacturers AD022-00 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD022-00 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD022-00 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD022-00 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD022-00 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD022-00 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD022-00 Datasheet HTML 9Page - List of Unclassifed Manufacturers AD022-00 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Appendix
- 136 -
www.nve.com phone: 952-829-9217 fax: 952-829-9189
Magnet drawings for the two round disc magnets included in the GT Sensor evaluation kits are given
below. These magnets are available from NVE as production parts. Contact NVE for pricing and
delivery information. In addition, NVE can have custom magnets built for specific applications in
Ceramic 8 or Alnico 8 materials. Please contact NVE for more details.
Magnet Part Number
Diameter (mm)
Length (mm)
12216
6
4
12217
3.5
4
N
Note: All Dimensions in mm.
N
Ceramic 8 Disc Magnets
S
S


Similar Part No. - AD022-00

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
AD022-00 RHOPOINT-AD022-00 Datasheet
74Kb / 1P
   GMR Digital Sensor Evaluation Kit
More results

Similar Description - AD022-00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APD032 ETC-APD032 Datasheet
76Kb / 4P
   PACKAGE MECHANICAL SPECIFICATIONS AND PARAMETERS
logo
Kemet Corporation
CDR01BP101BKZM KEMET-CDR01BP101BKZM Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
C0805Z101K5GAL KEMET-C0805Z101K5GAL Datasheet
270Kb / 3P
   CAPACITOR OUTLINE DRAWINGS
C0504A109F2GAC KEMET-C0504A109F2GAC Datasheet
105Kb / 7P
   CAPACITOR OUTLINE DRAWINGS
CDR35BX474AKUS KEMET-CDR35BX474AKUS Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
C0805Z101K5GAH KEMET-C0805Z101K5GAH Datasheet
271Kb / 4P
   CAPACITOR OUTLINE DRAWINGS
logo
Advanced Crystal Techno...
ACT_HC49_U_STANDARD ACT-ACT_HC49_U_STANDARD Datasheet
501Kb / 4P
   family is available in industry standard package and specifications
20-11-2012
logo
ITT Industries
040-0054-000 ITT-040-0054-000 Datasheet
93Kb / 1P
   CUSTOMER DRAWINGS CUPPTTING KPTO8PIO-24
logo
List of Unclassifed Man...
MS3102R28-21PY ETC2-MS3102R28-21PY Datasheet
219Kb / 1P
   Specification and Dimensions subject to chang Drawings illustrate normal insulator positioning
22-03-2021 ETC1-22-03-2021 Datasheet
126Kb / 1P
   FEATURES AND SPECIFICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com