Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD023-00 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AD023-00
Description  Package Drawings and Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD023-00 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AD023-00 Datasheet HTML 1Page - List of Unclassifed Manufacturers AD023-00 Datasheet HTML 2Page - List of Unclassifed Manufacturers AD023-00 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD023-00 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD023-00 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD023-00 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD023-00 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD023-00 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD023-00 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Appendix
- 131 -
www.nve.com phone: 952-829-9217 fax: 952-829-9189
Appendix
Package Drawings and Specifications
Package Drawing – SOIC8
Dimensions: inch (mm)
.154 (3.91)
.020 (.508)
.188 (4.77)
.054 (1.37)
.061 (1.55)
.154 (3.91)
.236 (5.99)
.017 TYP.
.193 (4.90)
NVE
XXXXX
-XX
.050 (1.27) x 6
BASIC
.004 (.10) MIN.
.010 (.26) MAX.
.016 (.40) NOM.
.015 (.381)
x45°
Note: SOIC8 Package has thermal power dissipation of 240°C/Watt in free air.
Attaching the package to a circuit board improves thermal performance.
Package Drawing – MSOP8
Dimensions: inches (mm)
.118 (3.00)
.021 (.533)
.154 (3.91)
.034 (.86)
.040 (1.02)
.004 (.10) MIN.
.012 (.31) MAX.
.0256 (.65) x 6
BASIC
NVE
XXX
.118 (3.00)
.193 (4.90)
.012 TYP.
.118
(3.00)
.005 (.13) NOM.
Note: MSOP8 Package has thermal power dissipation of 320°C/Watt in free air.
Attaching the package to a circuit board improves thermal performance.


Similar Part No. - AD023-00

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
AD023-00 RHOPOINT-AD023-00 Datasheet
74Kb / 1P
   GMR Digital Sensor Evaluation Kit
More results

Similar Description - AD023-00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APD032 ETC-APD032 Datasheet
76Kb / 4P
   PACKAGE MECHANICAL SPECIFICATIONS AND PARAMETERS
logo
Kemet Corporation
CDR01BP101BKZM KEMET-CDR01BP101BKZM Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
C0805Z101K5GAL KEMET-C0805Z101K5GAL Datasheet
270Kb / 3P
   CAPACITOR OUTLINE DRAWINGS
C0504A109F2GAC KEMET-C0504A109F2GAC Datasheet
105Kb / 7P
   CAPACITOR OUTLINE DRAWINGS
CDR35BX474AKUS KEMET-CDR35BX474AKUS Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
C0805Z101K5GAH KEMET-C0805Z101K5GAH Datasheet
271Kb / 4P
   CAPACITOR OUTLINE DRAWINGS
logo
Advanced Crystal Techno...
ACT_HC49_U_STANDARD ACT-ACT_HC49_U_STANDARD Datasheet
501Kb / 4P
   family is available in industry standard package and specifications
20-11-2012
logo
ITT Industries
040-0054-000 ITT-040-0054-000 Datasheet
93Kb / 1P
   CUSTOMER DRAWINGS CUPPTTING KPTO8PIO-24
logo
List of Unclassifed Man...
MS3102R28-21PY ETC2-MS3102R28-21PY Datasheet
219Kb / 1P
   Specification and Dimensions subject to chang Drawings illustrate normal insulator positioning
22-03-2021 ETC1-22-03-2021 Datasheet
126Kb / 1P
   FEATURES AND SPECIFICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com