Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AE608 Datasheet(PDF) 4 Page - RFHIC

Part # AE608
Description  Low-Noise High Linearity Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE608 Datasheet(HTML) 4 Page - RFHIC

  AE608_14 Datasheet HTML 1Page - RFHIC AE608_14 Datasheet HTML 2Page - RFHIC AE608_14 Datasheet HTML 3Page - RFHIC AE608_14 Datasheet HTML 4Page - RFHIC AE608_14 Datasheet HTML 5Page - RFHIC AE608_14 Datasheet HTML 6Page - RFHIC AE608_14 Datasheet HTML 7Page - RFHIC AE608_14 Datasheet HTML 8Page - RFHIC AE608_14 Datasheet HTML 9Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
E-pHEMT
AE608
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
4 / 9
Version 1.4
Frequency Range @ 1700 ~ 2200MHz
PCS, DCS, WCDMA Performance Data @Vd=3V, Id=45mA, Tc=25℃
ITEM
DATA
REMARK
ITEM
DATA
REMARK
Gain
13.9 dB
1940 MHz
NF
0.7 dB
1700 ~ 2200 MHz
OIP3
32.5 dBm
1700 ~ 2200 MHz
P1dB
14 dBm
1700 ~ 2200 MHz
S-Parameter vs. Frequency(25℃)
Gain vs. Frequency
-30
-25
-20
-15
-10
-5
0
5
10
15
1700
1800
1900
2000
2100
2200
Freq(MHz)
7
8
9
10
11
12
13
14
15
16
S11
S22
S21
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
1700
1800
1900
2000
2100
2200
Freq(MHz)
25°C
85°C
-40°C
Input Return Loss vs. Frequency
Output Return Loss vs. Frequency
-25
-20
-15
-10
-5
0
1700
1800
1900
2000
2100
2200
Freq(MHz)
25°C
85°C
-40°C
-25
-20
-15
-10
-5
0
1700
1800
1900
2000
2100
2200
Freq(MHz)
25°C
85°C
-40°C
Noise Figure vs. Frequency
OIP3 vs. Frequency
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1700
1800
1900
2000
2100
2200
Freq(MHz)
25°C
85°C
-40°C
25
27
29
31
33
35
1700
1800
1900
2000
2100
2200
Freq(MHz)
25°C
85°C
-40°C


Similar Part No. - AE608_14

ManufacturerPart #DatasheetDescription
logo
RFHIC
AE608 RFHIC-AE608 Datasheet
447Kb / 8P
   E-pHEMT
More results

Similar Description - AE608_14

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2442 RFMD-RF2442 Datasheet
176Kb / 10P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
NXP Semiconductors
BGU8051 NXP-BGU8051 Datasheet
222Kb / 16P
   Low noise high linearity amplifier
Rev. 7-8 June 2017
logo
Broadcom Corporation.
MGA-636P8 BOARDCOM-MGA-636P8 Datasheet
585Kb / 14P
   High Linearity Low Noise Amplifier
logo
RF Micro Devices
RF2442 RFMD-RF2442_1 Datasheet
311Kb / 12P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
RF2442 RFMD-RF2442_15 Datasheet
912Kb / 11P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
NXP Semiconductors
BGU8062 NXP-BGU8062 Datasheet
270Kb / 18P
   low-noise high-linearity amplifier
Rev. 2-24 January 2017
logo
RF Micro Devices
RF2442 RFMD-RF2442_06 Datasheet
201Kb / 10P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
AVAGO TECHNOLOGIES LIMI...
MGA-636P8 AVAGO-MGA-636P8_15 Datasheet
585Kb / 14P
   High Linearity Low Noise Amplifier
logo
NXP Semiconductors
BGU8053 NXP-BGU8053 Datasheet
225Kb / 16P
   Low noise high linearity amplifier
Rev. 7-17 July 2017
BGU8061 NXP-BGU8061 Datasheet
491Kb / 17P
   low-noise high-linearity amplifier
Rev. 2-27 January 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com