Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AE314 Datasheet(PDF) 1 Page - RFHIC

Part # AE314
Description  a drive or pre-drive amplifier designed in a low cost SOT-89 package.
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE314 Datasheet(HTML) 1 Page - RFHIC

  AE314_14 Datasheet HTML 1Page - RFHIC AE314_14 Datasheet HTML 2Page - RFHIC AE314_14 Datasheet HTML 3Page - RFHIC AE314_14 Datasheet HTML 4Page - RFHIC AE314_14 Datasheet HTML 5Page - RFHIC AE314_14 Datasheet HTML 6Page - RFHIC AE314_14 Datasheet HTML 7Page - RFHIC AE314_14 Datasheet HTML 8Page - RFHIC AE314_14 Datasheet HTML 9Page - RFHIC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
E-pHEMT MMIC
AE314
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
1 / 13
Version 1.2
Product Features
Applications
• 30 ~ 3000MHz
• GaAs E-pHEMT MMIC
• Higher linearity
• Low Noise Figure
• High Max input power
• SOT-89 SMD Type package
• Higher productivity
• Lower manufacturing cost
• Pb Free / RoHS Standard
• Cellular, GSM
• PCS, DCS, W-CDMA
• Wibro, WiMax, WiFi
• Tetra, CATV, Satellite system
• RFID, Femtocell
• Multi-metering
Description
AE314 is a drive or pre-drive amplifier designed in a low cost SOT-89 package.
This MMIC is based on Gallium Arsenide Enhancement Mode pHEMT which shows low current and high IP3.
It is designed as driver devices for infrastructure equipment in the 30~3000MHz Wireless technologies such as Cellular, GSM, PCS,
W-CDMA, Wibro, WiMax System.
The data in this spec sheet is valid only for 50 ohm application.
Electrical Specifications
PARAMETER
UNIT
MIN
TYP
MAX
TYP
REMARK
Operating Frequency(fo)
MHz
30
-
3000
-
-
Small Signal Gain(S21)
dB
22
23
-
21
@ 900MHz
Input Return Loss(S11)
dB
-
-10
-
-10
-
Output Return Loss(S22)
dB
-
-10
-
-10
-
Output IP3(OIP3)
dBm
33
35
-
28
@ 900MHz
1dB Compression Point(P1dB)
dBm
-
20
-
17
Noise Figure(NF)
dB
-
2.8
-
2.7
-
DC Current
mA
-
100
-
50
3.3V Gate Rbias
9.1kohm
Supply Voltage
V
-
5
-
3.3
Note
1. Test conditions unless otherwise noted. Freq = At 900MHz, T=25℃, 50Ω system
2. OIP3 measured with 2 tones at an output power of +5dBm/tone separated by 1MHz
Absolute Maximum Ratings
PARAMETER
UNIT
MIN
TYP
MAX
REMARK
Device Voltage
V
-
5
10
-
Operating Case Temperature
-40
-
85
-
Storage Temperature
-40
-
150
-
ESD Human Body Model
-
-
Class 1A
-
-
Moisture Sensitivity Level
-
-
MSL1
-
-
Junction Temperature (Tj)
-
-
180
@ quiescent current,
No RF, Tc = 85℃
Thermal Resistance (Rth)
℃/W
-
60
-
Package Type : SOT-89


Similar Part No. - AE314_14

ManufacturerPart #DatasheetDescription
logo
RFHIC
AE314 RFHIC-AE314 Datasheet
264Kb / 7P
   E-pHEMT MMIC
More results

Similar Description - AE314_14

ManufacturerPart #DatasheetDescription
logo
RFHIC
AE367 RFHIC-AE367 Datasheet
820Kb / 12P
   a drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE366 RFHIC-AE366_14 Datasheet
239Kb / 5P
   a drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE305 RFHIC-AE305 Datasheet
723Kb / 11P
   a drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE410 RFHIC-AE410 Datasheet
740Kb / 6P
   drive or pre-drive amplifier designed in a low cost SOT-89 package
AE362 RFHIC-AE362_14 Datasheet
695Kb / 9P
   drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE368 RFHIC-AE368 Datasheet
14Mb / 14P
   a drive or pre-drive amplifier designed in a low cost SOIC-8 package.
AE379 RFHIC-AE379 Datasheet
206Kb / 5P
   drive or pre-drive amplifier designed in a low cost SOIC-8 package.
logo
Foshan Blue Rocket Elec...
MCR100T FOSHAN-MCR100T Datasheet
727Kb / 6P
   Thyristor in a SOT-89 Plastic Package
78L06T FOSHAN-78L06T Datasheet
700Kb / 6P
   Voltage Regulator in a SOT-89 Plastic Package
78L09T FOSHAN-78L09T Datasheet
883Kb / 6P
   Voltage Regulator in a SOT-89 Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com