Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPL405-045-4 Datasheet(PDF) 1 Page - Rochester Electronics

Part # SPL405-045-4
Description  Pigtailed Coaxial Laser Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

SPL405-045-4 Datasheet(HTML) 1 Page - Rochester Electronics

  SPL405-045-4 Datasheet HTML 1Page - Rochester Electronics SPL405-045-4 Datasheet HTML 2Page - Rochester Electronics SPL405-045-4 Datasheet HTML 3Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
20.04.2011
SLP405-45-4
1 of 3
SPL405-45-4
TECHNICAL DATA
Pigtailed Coaxial Laser Diode
Features
Applications
• 405 nm
• PM Fiber
• Coaxial package
• Medical laser treatment
• Printing
Electrical Connection
Pin Configuration
Bottom View
PIN
Function
1
LD Anode
2
n.c.
3
LD Cathode
Specifications (25°C)
Type
Min.
Typ.
Max.
Unit
Optical Specification
Output Power PF
-
45
-
mW
Center Wavelength
λ
C
400
405
410
nm
Spectral Width
Δλ
-
2
-
nm
Fiber Characteristics
Fiber Kind
4µm single mode
Fiber Length
-
0.8
1.0
m
Connector
FC/ST/SMA-905
Electrical Specification
Slope Efficiency ES
1.0
1.5
2.0
mW/mA
Threshold Current Ith
-
100
130
mA
Operation Current IO
-
200
230
mA
Operation Voltage Vf
-
4.1
4.6
V
Package Style
Coaxial
Absolute Maximum Ratings
Reverse Voltage Vr
2.0
V
Operating Temperature TOp
-10 … +40
°C
Storage Temperature Tstg
-35 … +85
°C
Lead Soldering Temperature (10 sec.)
260
°C
The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - SPL405-045-4

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
SPL405-015-4 ROCHESTER-SPL405-015-4 Datasheet
167Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL405-015-4P ROCHESTER-SPL405-015-4P Datasheet
165Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL405-055-4P ROCHESTER-SPL405-055-4P Datasheet
165Kb / 3P
   Pigtailed Coaxial Laser Diode
More results

Similar Description - SPL405-045-4

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
SPL1310-4-9-PD ROITHNER-SPL1310-4-9-PD Datasheet
260Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-20-4P-PD ROITHNER-SPL785-20-4P-PD Datasheet
169Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-20-4-PD ROITHNER-SPL785-20-4-PD Datasheet
169Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-30-4-PD ROITHNER-SPL785-30-4-PD Datasheet
147Kb / 2P
   Pigtailed Coaxial Laser Diode
logo
Rochester Electronics
SPL1310-4-9-PD ROCHESTER-SPL1310-4-9-PD Datasheet
260Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL1310-1-9-PD ROCHESTER-SPL1310-1-9-PD Datasheet
274Kb / 2P
   Pigtailed Coaxial Laser Diode
SPL405-50-50M ROCHESTER-SPL405-50-50M Datasheet
165Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-40-105M-PD ROCHESTER-SPL785-40-105M-PD Datasheet
169Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL980-100-105M-PD ROCHESTER-SPL980-100-105M-PD Datasheet
169Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL1310-3-9-PD ROCHESTER-SPL1310-3-9-PD Datasheet
260Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL405-015-4 ROCHESTER-SPL405-015-4 Datasheet
167Kb / 3P
   Pigtailed Coaxial Laser Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com