Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL-483UAC1C-1A Datasheet(PDF) 4 Page - Lucky Light Electronic

Part # LL-483UAC1C-1A
Description  Ultra Amber LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-483UAC1C-1A Datasheet(HTML) 4 Page - Lucky Light Electronic

  LL-483UAC1C-1A Datasheet HTML 1Page - Lucky Light Electronic LL-483UAC1C-1A Datasheet HTML 2Page - Lucky Light Electronic LL-483UAC1C-1A Datasheet HTML 3Page - Lucky Light Electronic LL-483UAC1C-1A Datasheet HTML 4Page - Lucky Light Electronic LL-483UAC1C-1A Datasheet HTML 5Page - Lucky Light Electronic LL-483UAC1C-1A Datasheet HTML 6Page - Lucky Light Electronic LL-483UAC1C-1A Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Luckylight
Spec No.: A027X355
Rev No.: V.2
Date: Aug/11/2009
Page: 4 OF 7
Approved: JoJo
Checked: Wu
Drawn:Yao
Lucky Light Electronics Co., Ltd.
Http://www.luckylightled.com
Absolute Maximum Ratings at Ta=25℃
Parameters
Symbol
Max.
Unit
Power Dissipation
PD
62
mW
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
IFP
100
mA
Forward Current
IF
25
mA
Reverse Voltage
VR
5
V
Operating Temperature Range
Topr
-40℃ to +85℃
Storage Temperature Range
Tstg
-40℃ to +100℃
Lead Soldering Temperature
[4mm (.157″) From Body]
Tsld
260℃ for 5 Seconds
Electrical Optical Characteristics at Ta=25℃
Parameters
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity *
IV
90
160
---
mcd
IF=20mA (Note 1)
Viewing Angle *
1/2
---
80
---
Deg
IF=20mA (Note 2)
Peak Emission Wavelength
λp
---
610
---
nm
IF=20mA
Dominant Wavelength
λd
---
605
---
nm
IF=20mA (Note 3)
Spectral Line Half-Width
λ
---
35
---
nm
IF=20mA
Forward Voltage
VF
1.60
2.00
2.50
V
IF=20mA
Reverse Current
IR
---
---
10
µA
VR=5V
Notes:
1. Luminous Intensity Measurement allowance is ± 10%.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous
intensity.
3. The dominant wavelength (λd) is derived from the CIE chromaticity diagram and
represents the single wavelength which defines the color of the device.


Similar Part No. - LL-483UAC1C-1A

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-483UAC1C-1A LUCKY-LIGHT-LL-483UAC1C-1A Datasheet
134Kb / 7P
   4.8mm Round Wide Viewing Angle Type Ultra Amber LED Technical Data Sheet
LL-483UAC1C-1A LUCKY-LIGHT-LL-483UAC1C-1A_15 Datasheet
134Kb / 7P
   Ultra Amber LED
More results

Similar Description - LL-483UAC1C-1A

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-483UAC1C-1A LUCKY-LIGHT-LL-483UAC1C-1A_15 Datasheet
134Kb / 7P
   Ultra Amber LED
LL-483UAC1C-2A LUCKY-LIGHT-LL-483UAC1C-2A_15 Datasheet
134Kb / 7P
   Ultra Amber LED
LL-483UAC1C-3A LUCKY-LIGHT-LL-483UAC1C-3A Datasheet
134Kb / 7P
   Ultra Amber LED
LL-483UAC1C-2A LUCKY-LIGHT-LL-483UAC1C-2A Datasheet
134Kb / 7P
   Ultra Amber LED
LL-503UAC1E-1A LUCKY-LIGHT-LL-503UAC1E-1A Datasheet
137Kb / 7P
   Ultra Amber LED
LL-503UAC1E-2A LUCKY-LIGHT-LL-503UAC1E-2A Datasheet
137Kb / 7P
   Ultra Amber LED
LL-503UAC1E-2A LUCKY-LIGHT-LL-503UAC1E-2A_15 Datasheet
137Kb / 7P
   Ultra Amber LED
LL-483UAC1C-3A LUCKY-LIGHT-LL-483UAC1C-3A_15 Datasheet
134Kb / 7P
   Ultra Amber LED
LL-503UAC1E-1A LUCKY-LIGHT-LL-503UAC1E-1A_15 Datasheet
137Kb / 7P
   Ultra Amber LED
logo
P-tec Corporation
PL24-WCA16 P-TEC-PL24-WCA16 Datasheet
77Kb / 1P
   10mm Ultra Bright Amber LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com