Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2903 Datasheet(PDF) 1 Page - Fuji Electric

Part # 2SK2903
Description  N-CHANNEL SILICON POWER MOS-FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK2903 Datasheet(HTML) 1 Page - Fuji Electric

  2SK2903 Datasheet HTML 1Page - Fuji Electric 2SK2903 Datasheet HTML 2Page - Fuji Electric 2SK2903 Datasheet HTML 3Page - Fuji Electric 2SK2903 Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Item
Symbol
Rating
Unit
Drain-source voltage
VDS
60
Continuous drain current
ID
±50
Pulsed drain current
ID(puls]
±200
Gate-source voltage
VGS
±30
Maximum Avalanche Energy
EAV*1
720.8
Max. power dissipation
PD
50
Operating and storage
Tch
+150
temperature range
Tstg
Electrical characteristics (Tc =25°C unless otherwise specified)
Thermalcharacteristics
2SK2903-01MR
FUJI POWER MOS-FET
N-CHANNEL SILICON POWER MOS-FET
Features
High speed switching
Low on-resistance
No secondary breadown
Low driving power
Avalanche-proof
Applications
Switching regulators
UPS (Uninterruptible Power Supply)
DC-DC converters
Equivalent circuit schematic
Maximum ratings and characteristicAbsolute maximum ratings
(Tc=25°C unless otherwise specified)
Gate(G)
Source(S)
Drain(D)
Item
Symbol
Test Conditions
Zero gate voltage drain current
IDSS
VDS=60V
VGS=±30V
ID=40A
VGS=10V
ID=40A
VDS=25V
VCC=30V ID=80A
VGS=10V
RGS=10
Min.
Typ.
Max.
Units
V
V
µA
mA
nA
m
S
pF
A
V
ns
µC
ns
Min.
Typ.
Max.
Units
Thermal resistance
Rth(ch-c)
channel to case
Rth(ch-a)
channel to ambient
2.5
62.5
°C/W
°C/W
Symbol
BVDSS
VGS(th)
IGSS
RDS(on)
gfs
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
IAV
VSD
trr
Qrr
Item
Drain-source breakdown voltaget
Gate threshold voltage
Gate-source leakage current
Drain-source on-state resistance
Forward transcondutance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on time ton
Turn-off time toff
Avalanche capability
Diode forward on-voltage
Reverse recovery time
Reverse recovery charge
Test Conditions
ID=1mA
VGS=0V
ID=10mA
VDS=VGS
Tch=25°C
VGS=0V
Tch=125°C
VDS=0V
VDS=25V
VGS=0V
f=1MHz
L=100 µH Tch=25°C
IF=50A VGS=0V Tch=25°C
IF=50A VGS=0V
-di/dt=100A/µs
Tch=25°C
V
A
A
V
mJ
W
°C
°C
*1 L=0.384mH, Vcc=24V
60
2.5
3.0
3.5
10
500
0.2
1.0
10
100
9.5
12
20
40
3100
4650
1300
1950
350
530
20
30
85
120
88
130
65
120
50
1.0
1.5
70
0.13
-55 to +150
TO-220F15
3. Source
2.54


Similar Part No. - 2SK2903

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
2SK2903-01MR VBSEMI-2SK2903-01MR Datasheet
949Kb / 7P
   N-Channel 60-V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK2903-01MR ISC-2SK2903-01MR Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK2903

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
logo
Fuji Electric
2SK1221 FUJI-2SK1221 Datasheet
134Kb / 4P
   N-Channel Silicon Power MOS-FET
2SK2907-01R FUJI-2SK2907-01R Datasheet
100Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK3262-01MR FUJI-2SK3262-01MR Datasheet
138Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK3339-01 FUJI-2SK3339-01 Datasheet
75Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK3340-01 FUJI-2SK3340-01 Datasheet
85Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK902 FUJI-2SK902 Datasheet
131Kb / 4P
   N-Channel Silicon Power MOS-FET
2SK1016-01 FUJI-2SK1016-01 Datasheet
177Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
logo
List of Unclassifed Man...
2SK1099 ETC-2SK1099 Datasheet
60Kb / 1P
   N-CHANNEL SILICON POWER MOS-FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com