Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1206L016 Datasheet(PDF) 2 Page - Littelfuse

Part # 1206L016
Description  RoHS compliant, lead-free and halogen-free
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1206L016 Datasheet(HTML) 2 Page - Littelfuse

  1206L016 Datasheet HTML 1Page - Littelfuse 1206L016 Datasheet HTML 2Page - Littelfuse 1206L016 Datasheet HTML 3Page - Littelfuse 1206L016 Datasheet HTML 4Page - Littelfuse 1206L016 Datasheet HTML 5Page - Littelfuse 1206L016 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
POLY-FUSE® Resettable PTCs
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 04/01/14
Surface Mount > 1206L Series
Ambient OperationTemperature
-40°C
-20°C
0°C
20°C
40°C
50°C
60°C
70°C
85°C
Part Number
Hold Current (A)
1206L012
0.18
0.16
0.14
0.125
0.10
0.09
0.08
0.07
0.05
1206L016
0.22
0.20
0.18
0.16
0.14
0.12
0.10
0.09
0.08
1206L020
0.28
0.25
0.23
0.20
0.17
0.15
0.14
0.12
0.09
1206L025
0.37
0.33
0.29
0.25
0.22
0.20
0.17
0.15
0.12
1206L035
0.50
0.45
0.40
0.35
0.30
0.27
0.24
0.21
0.15
1206L035/16
0.50
0.45
0.40
0.35
0.30
0.27
0.24
0.21
0.15
1206L050
0.71
0.64
0.57
0.50
0.42
0.39
0.35
0.31
0.25
1206L050/15
0.71
0.64
0.57
0.50
0.42
0.39
0.35
0.31
0.25
1206L075/13.2
1.14
1.04
0.88
0.75
0.65
0.59
0.54
0.49
0.41
1206L075/16
1.01
0.94
0.86
0.75
0.65
0.60
0.54
0.46
0.37
1206L075TH
1.14
1.01
0.88
0.75
0.65
0.59
0.54
0.49
0.41
1206L110TH
1.52
1.37
1.25
1.10
0.92
0.82
0.75
0.64
0.52
1206L150TH
2.18
1.94
1.72
1.50
1.28
1.17
1.06
0.96
0.77
1206L175
2.50
2.25
2.00
1.75
1.55
1.45
1.35
1.25
1.10
1206L200
2.60
2.44
2.35
2.00
1.78
1.67
1.50
1.45
1.10
Temperature Rerating
Temperature Rerating Curve
-40 -30 -20 -10
01020304050607080
10%
30%
50%
70%
90%
110%
130%
150%
170%
Temperature (°C)
Average Time Current Curves
The average time current curves and Temperature Rerating curve performance is affected
by a number or variables, and these curves provided as guidance only. Customer must
verify the performance in their application.
0.01
0.1
1
10
100
1000
10000
100000
0.1
110
100
Current in Amperes
0.01
0.1
1
10
100
1000
10000
100000
0.1
110100
Current in Amperes
0.01
0.1
1
10
100
1000
10000
100000
0.1
110
100
Current in Amperes
1812L
0603L
250S
0805L OLD
1206L OLD
0.01
0.1
1
10
100
0.1
110
100
Current in Amperes
0.01
0.1
1
10
100
1000
10000
100000
0.1
110
100
Current in Amperes
0.10
1
10
100
1000
0.1
110
100
Current in Amperes
2920L
0.01
0.1
1
10
100
0.1
110
100
Current in Amperes
0.01
0.1
1
10
100
1000
10000
100000
0.11
10
100
Current in Amperes
2920L
2016L OLD
0.01
0.1
1
10
100
1000
10000
0.1
110100
Current in Amperes
1210L OLD
0.01
0.1
1
10
100
0.1
110
Current in Amperes
1210L
0.01
0.1
1
10
100
0.1
110
Current in Amperes
2016L
0.01
0.1
1
10
100
0.1
110
Current in Amperes
1206L
0805L
0.01
0.1
1
10
100
0.1
110
100
Current in Amperes
Notes: The temperature rerating data is only for reference, please contact Littelfuse technical support for detail temperature rerating information.


Similar Part No. - 1206L016

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L016 LITTELFUSE-1206L016 Datasheet
359Kb / 5P
   POLYFUSE짰 Resettable PTCs
1206L016 LITTELFUSE-1206L016 Datasheet
4Mb / 74P
   POLYFUSE짰 Resettable PTCs Surface Mount
1206L016 LITTELFUSE-1206L016 Datasheet
797Kb / 6P
   The 1206L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired.
1206L016 LITTELFUSE-1206L016 Datasheet
811Kb / 6P
   Fast response to fault currents Compact design saves board space
1206L016 LITTELFUSE-1206L016 Datasheet
395Kb / 5P
   1206L Series
More results

Similar Description - 1206L016

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
   Lead-free (RoHS compliant) and Halogen-free
logo
Littelfuse
1206L035YR LITTELFUSE-1206L035YR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
logo
WALSIN TECHNOLOGY CORPO...
MF06P WALSIN-MF06P Datasheet
601Kb / 10P
   RoHS compliant and Halogen free and Lead free products
logo
Littelfuse
V39ZT1P LITTELFUSE-V39ZT1P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
logo
International Rectifier
IRF6716MTR1PBF IRF-IRF6716MTR1PBF Datasheet
280Kb / 9P
   RoHs Compliant and Halogen Free
logo
Advanced Power Electron...
AP20SL60I-A A-POWER-AP20SL60I-A Datasheet
112Kb / 6P
   RoHS Compliant and Halogen-Free
logo
International Rectifier
IRF6712SPBF IRF-IRF6712SPBF_15 Datasheet
247Kb / 9P
   RoHS Compliant and Halogen Free
IRF6724MPBF IRF-IRF6724MPBF_15 Datasheet
270Kb / 9P
   RoHs Compliant and Halogen Free
logo
Shanghai Semitech Semic...
SMDJ SEMITECH-SMDJ Datasheet
492Kb / 5P
   Halogen free and RoHS compliant
logo
Alpha & Omega Semicondu...
AON6794 AOSMD-AON6794 Datasheet
248Kb / 6P
   RoHS and Halogen-Free Compliant
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com