Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL-484WC1F-W5-3K Datasheet(PDF) 2 Page - Lucky Light Electronic

Part # LL-484WC1F-W5-3K
Description  White LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-484WC1F-W5-3K Datasheet(HTML) 2 Page - Lucky Light Electronic

  LL-484WC1F-W5-3K Datasheet HTML 1Page - Lucky Light Electronic LL-484WC1F-W5-3K Datasheet HTML 2Page - Lucky Light Electronic LL-484WC1F-W5-3K Datasheet HTML 3Page - Lucky Light Electronic LL-484WC1F-W5-3K Datasheet HTML 4Page - Lucky Light Electronic LL-484WC1F-W5-3K Datasheet HTML 5Page - Lucky Light Electronic LL-484WC1F-W5-3K Datasheet HTML 6Page - Lucky Light Electronic LL-484WC1F-W5-3K Datasheet HTML 7Page - Lucky Light Electronic LL-484WC1F-W5-3K Datasheet HTML 8Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Luckylight
Spec No.: A037 X440
Rev No.: V.2
Date: Jun/30/2009
Page: 2 OF 8
Approved: JoJo
Checked: Wu
Drawn: Yao
Lucky Light Electronics Co., Ltd.
http://www.luckylight.cn
Features:
Descriptions:
Applications:
Wide viewing angle=100°.
Reliable and robust.
Emission color: X=0.35, y=0.38.
Industrial standard footprint.
The product itself will remain within RoHS compliant version.
The series is specially designed for applications requiring higher brightness.
The LED lamps are available with different colors.
The white LED which was fabricated using a blue LED and a phosphor, and the
phosphor is excited by blue light and emits yellow fluorescence, the mixture of blue
light and yellow light results in white emission.
Utilizing advanced InGaN chip technology.
TV set.
Monitor.
Telephone.
Computer.
Circuit board.
Status indicators.
Commercial use.
Advertising Signs.
Back lighting.


Similar Part No. - LL-484WC1F-W5-3K

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-484WC1F-W5-3K LUCKY-LIGHT-LL-484WC1F-W5-3K Datasheet
227Kb / 8P
   4.8mm Round Wide Viewing Angle Type White LED Technical Data Sheet
LL-484WC1F-W5-3K LUCKY-LIGHT-LL-484WC1F-W5-3K_15 Datasheet
227Kb / 8P
   White LED
More results

Similar Description - LL-484WC1F-W5-3K

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPW500DS NICHIA-NSPW500DS Datasheet
204Kb / 15P
   WHITE LED
NSPW500GS-K1 NICHIA-NSPW500GS-K1 Datasheet
185Kb / 15P
   WHITE LED
logo
Lucky Light Electronic
LL-804WC2C-W2-3SD LUCKY-LIGHT-LL-804WC2C-W2-3SD Datasheet
232Kb / 8P
   White LED
logo
Marl International Limi...
NSPW315DS MARL-NSPW315DS Datasheet
206Kb / 15P
   WHITE LED
NSPW500DS MARL-NSPW500DS Datasheet
420Kb / 15P
   WHITE LED
NSPW515DS MARL-NSPW515DS Datasheet
195Kb / 15P
   WHITE LED
logo
List of Unclassifed Man...
NFSW036T ETC-NFSW036T Datasheet
822Kb / 14P
   WHITE LED
logo
Lucky Light Electronic
LL-484WC1F-W0-1J LUCKY-LIGHT-LL-484WC1F-W0-1J_15 Datasheet
205Kb / 7P
   White LED
logo
NICHIA CORPORATION
NC2W170CT NICHIA-NC2W170CT Datasheet
296Kb / 19P
   WHITE LED
NESW146AT NICHIA-NESW146AT Datasheet
286Kb / 18P
   WHITE LED
NFSW757DT-V1M3 NICHIA-NFSW757DT-V1M3 Datasheet
272Kb / 18P
   WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com