Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL-503AD2E-A1 Datasheet(PDF) 3 Page - Lucky Light Electronic

Part # LL-503AD2E-A1
Description  Amber LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-503AD2E-A1 Datasheet(HTML) 3 Page - Lucky Light Electronic

  LL-503AD2E-A1 Datasheet HTML 1Page - Lucky Light Electronic LL-503AD2E-A1 Datasheet HTML 2Page - Lucky Light Electronic LL-503AD2E-A1 Datasheet HTML 3Page - Lucky Light Electronic LL-503AD2E-A1 Datasheet HTML 4Page - Lucky Light Electronic LL-503AD2E-A1 Datasheet HTML 5Page - Lucky Light Electronic LL-503AD2E-A1 Datasheet HTML 6Page - Lucky Light Electronic LL-503AD2E-A1 Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Luckylight
Spec No.: B508X285
Rev No.: V.2
Date: Nov/15/2005
Page: 3 OF 7
Approved: JoJo
Checked: Wu
Drawn: YAO
Lucky Light Electronics Co., Ltd.
Http://www.luckylightled.com
Package Dimension:
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25 mm (.010″) unless otherwise noted.
3. Protruded resin under flange is 1.00 mm (.04″) max.
4. Specifications are subject to change without notice.
Part No.
Chip Material
Lens Color
Source Color
LL-503AD2E-A1
GaAsP
Amber Diffused
Amber


Similar Part No. - LL-503AD2E-A1

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-503AD2E-A1 LUCKY-LIGHT-LL-503AD2E-A1 Datasheet
137Kb / 7P
   5mm Round With Flange Type Amber LED Technical Data Sheet
LL-503AD2E-A1 LUCKY-LIGHT-LL-503AD2E-A1_15 Datasheet
137Kb / 7P
   Amber LED
More results

Similar Description - LL-503AD2E-A1

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NGPAR70ASS NICHIA-NGPAR70ASS Datasheet
268Kb / 13P
   AMBER LED
logo
Lucky Light Electronic
LL-503AD2E-A1 LUCKY-LIGHT-LL-503AD2E-A1_15 Datasheet
137Kb / 7P
   Amber LED
LL-463ADS LUCKY-LIGHT-LL-463ADS_15 Datasheet
136Kb / 7P
   Amber LED
logo
NICHIA CORPORATION
NFSA123DT NICHIA-NFSA123DT Datasheet
275Kb / 18P
   AMBER LED
NCSA119BT-V1 NICHIA-NCSA119BT-V1 Datasheet
275Kb / 18P
    AMBER LED
NCSAE17AT NICHIA-NCSAE17AT Datasheet
297Kb / 19P
   AMBER LED
NCSA170DT NICHIA-NCSA170DT Datasheet
290Kb / 19P
   AMBER LED
NESA064T NICHIA-NESA064T_18 Datasheet
277Kb / 18P
   AMBER LED
logo
Lucky Light Electronic
LL-553AD1D-A1 LUCKY-LIGHT-LL-553AD1D-A1_15 Datasheet
132Kb / 7P
   Amber LED
logo
NICHIA CORPORATION
NFSA072T NICHIA-NFSA072T Datasheet
325Kb / 14P
   AMBER LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com