Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL-503AD2E-A1 Datasheet(PDF) 7 Page - Lucky Light Electronic

Part # LL-503AD2E-A1
Description  Amber LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-503AD2E-A1 Datasheet(HTML) 7 Page - Lucky Light Electronic

  LL-503AD2E-A1 Datasheet HTML 1Page - Lucky Light Electronic LL-503AD2E-A1 Datasheet HTML 2Page - Lucky Light Electronic LL-503AD2E-A1 Datasheet HTML 3Page - Lucky Light Electronic LL-503AD2E-A1 Datasheet HTML 4Page - Lucky Light Electronic LL-503AD2E-A1 Datasheet HTML 5Page - Lucky Light Electronic LL-503AD2E-A1 Datasheet HTML 6Page - Lucky Light Electronic LL-503AD2E-A1 Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Luckylight
Spec No.: B508X285
Rev No.: V.2
Date: Nov/15/2005
Page: 7 OF 7
Approved: JoJo
Checked: Wu
Drawn: YAO
Lucky Light Electronics Co., Ltd.
Http://www.luckylightled.com
Please read the following notes before using the product:
1. Over-current-proof
Customer must apply resistors for protection, otherwise slight voltage shift will cause big
current change (Burn out will happen).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package, the LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 The LEDs should be used within a year.
2.4 After opening the package, the LEDs should be kept at 30℃ or less and 70%RH or less.
2.5 The LEDs should be used within 168 hours (7 days) after opening the package.
3. Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 260℃ for 5 seconds
within once in less than the soldering iron capacity 25W. Leave two seconds and more
intervals, and do soldering of each terminal. Be careful because the damage of the product is
often started at the time of the hand solder.
4. Repairing
Repair should not be done after the LEDs have been soldered. When repairing is unavoidable,
a double-head soldering iron should be used (as below figure). It should be confirmed
beforehand whether the characteristics of the LEDs will or will not be damaged by repairing.


Similar Part No. - LL-503AD2E-A1

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-503AD2E-A1 LUCKY-LIGHT-LL-503AD2E-A1 Datasheet
137Kb / 7P
   5mm Round With Flange Type Amber LED Technical Data Sheet
LL-503AD2E-A1 LUCKY-LIGHT-LL-503AD2E-A1_15 Datasheet
137Kb / 7P
   Amber LED
More results

Similar Description - LL-503AD2E-A1

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NGPAR70ASS NICHIA-NGPAR70ASS Datasheet
268Kb / 13P
   AMBER LED
logo
Lucky Light Electronic
LL-503AD2E-A1 LUCKY-LIGHT-LL-503AD2E-A1_15 Datasheet
137Kb / 7P
   Amber LED
LL-463ADS LUCKY-LIGHT-LL-463ADS_15 Datasheet
136Kb / 7P
   Amber LED
logo
NICHIA CORPORATION
NFSA123DT NICHIA-NFSA123DT Datasheet
275Kb / 18P
   AMBER LED
NCSA119BT-V1 NICHIA-NCSA119BT-V1 Datasheet
275Kb / 18P
    AMBER LED
NCSAE17AT NICHIA-NCSAE17AT Datasheet
297Kb / 19P
   AMBER LED
NCSA170DT NICHIA-NCSA170DT Datasheet
290Kb / 19P
   AMBER LED
NESA064T NICHIA-NESA064T_18 Datasheet
277Kb / 18P
   AMBER LED
logo
Lucky Light Electronic
LL-553AD1D-A1 LUCKY-LIGHT-LL-553AD1D-A1_15 Datasheet
132Kb / 7P
   Amber LED
logo
NICHIA CORPORATION
NFSA072T NICHIA-NFSA072T Datasheet
325Kb / 14P
   AMBER LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com