Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TES1-03103T125 Datasheet(PDF) 1 Page - Rochester Electronics

Part # TES1-03103T125
Description  Micro-Thermoelectric Cooling Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

TES1-03103T125 Datasheet(HTML) 1 Page - Rochester Electronics

  TES1-03103T125 Datasheet HTML 1Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
04.07.2012
TES1-3202T125
1 of 1
TES1-3202T125
TECHNICAL DATA
Micro-Thermoelectric Cooling Module
QCmax=4.31 W
Thermoelectric cooling uses the Peltier effect to create a heat flux between the junction of two
different types of materials. A Peltier cooler is a solid-state active heat pump which transfers heat
from one side of the device to the other side against the temperature gradient (from cold to hot),
with consumption of electrical energy.
Principle schematics
TES1-3202T125 is a 1 stage, 32 couples, 4.31W Peltier element for cooling and heating.
Specifications
Symbol
Condition
Min.
Typ.
Max.
Unit
Vmax
-
-
3.87
V
Imax
-
-
2.0
A
Qcmax
ΔT = 0 °C, Th= 27 °C
-
-
4.31
W
ΔT
max
Qc = 0 W, Th= 27 °C
-
-
67
°C
R
Ω
Couples
32
Tmax
150
°C
Tmax continuous
125
°C
Weight
>1
g
Outer Dimensions
A
8.2 mm
B
8.2 mm
C
10.3 mm
H
2.2 mm
Note: The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - TES1-03103T125

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TES1-0510 TRACOPOWER-TES1-0510 Datasheet
906Kb / 4P
   TES 1 Series, 1 Watt
Rev. November 30, 2022
TES1-0510V TRACOPOWER-TES1-0510V Datasheet
827Kb / 4P
   TES 1V Series, 1 Watt
Rev. November 30, 2022
TES1-0511 TRACOPOWER-TES1-0511 Datasheet
906Kb / 4P
   TES 1 Series, 1 Watt
Rev. November 30, 2022
TES1-0511V TRACOPOWER-TES1-0511V Datasheet
827Kb / 4P
   TES 1V Series, 1 Watt
Rev. November 30, 2022
TES1-0512 TRACOPOWER-TES1-0512 Datasheet
906Kb / 4P
   TES 1 Series, 1 Watt
Rev. November 30, 2022
More results

Similar Description - TES1-03103T125

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
TES1-3202T125 ROITHNER-TES1-3202T125 Datasheet
84Kb / 1P
   Micro-Thermoelectric Cooling Module
logo
RMT Ltd.
1ML06035AN05 RMT-1ML06035AN05 Datasheet
2Mb / 8P
   Thermoelectric Cooling Solutions
3MC06088 RMT-3MC06088 Datasheet
2Mb / 8P
   Thermoelectric Cooling Solutions
3MC04044 RMT-3MC04044 Datasheet
2Mb / 8P
   Thermoelectric Cooling Solutions
1ML06050_T RMT-1ML06050_T Datasheet
2Mb / 8P
   Thermoelectric Cooling Solutions
4MC06103 RMT-4MC06103 Datasheet
2Mb / 8P
   Thermoelectric Cooling Solutions
2MC06043 RMT-2MC06043 Datasheet
2Mb / 8P
   Thermoelectric Cooling Solutions
2MC04039 RMT-2MC04039 Datasheet
2Mb / 8P
   Thermoelectric Cooling Solutions
2MC06010 RMT-2MC06010 Datasheet
2Mb / 8P
   Thermoelectric Cooling Solutions
1ML06035_T RMT-1ML06035_T Datasheet
2Mb / 8P
   Thermoelectric Cooling Solutions
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com