Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WKMSOP8 Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # WKMSOP8
Description  2.4 V CW LASER DIODE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

WKMSOP8 Datasheet(HTML) 3 Page - IC-Haus GmbH

  WKMSOP8 Datasheet HTML 1Page - IC-Haus GmbH WKMSOP8 Datasheet HTML 2Page - IC-Haus GmbH WKMSOP8 Datasheet HTML 3Page - IC-Haus GmbH WKMSOP8 Datasheet HTML 4Page - IC-Haus GmbH WKMSOP8 Datasheet HTML 5Page - IC-Haus GmbH WKMSOP8 Datasheet HTML 6Page - IC-Haus GmbH WKMSOP8 Datasheet HTML 7Page - IC-Haus GmbH WKMSOP8 Datasheet HTML 8Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
iC-WK, iC-WKL
2.4 V CW LASER DIODE DRIVER
Rev D1, Page 3/8
ABSOLUTE MAXIMUM RATINGS
No Destruction, correct function not guaranteed.
Item
Symbol
Parameter
Conditions
Fig.
Unit
No.
Min.
Max.
G001 VCC
Voltage at VCC
-6
6.5
V
G002 I(VCC)
Current in VCC
-10
95
mA
G003 I(CI)
Current in CI
-10
10
mA
G004 I(LDA)
Current in LDA
-95
10
mA
G005 I(LDK)
Current in LDK
-10
95
mA
G006 I(MDA)
Current in MDA
-10
10
mA
G007 I(MDK)
Current in MDK
-10
10
mA
G008 I(AGND)
Current in AGND
-10
10
mA
G009 I(GND)
Current in GND
-95
10
mA
G010 Vd()
ESD Susceptibility at all pins
MIL-STD-833, method 3015, HBM
100 pF unloaded over 1.5 kΩ
2
kV
G011 Tj
Operting Junction Temperature
-40
150
°C
G012 Ts
Storage Temperature Range
-40
150
°C
THERMAL DATA
Operating Conditions: VCC = 2.4...6 V
Item
Symbol
Parameter
Conditions
Fig.
Unit
No.
Min.
Typ.
Max.
T01
Ta
Operating Ambient Temperature Range
-40
85
°C
T02
Rthja
Thermal Resistance Chip/Ambient
SMD assembly, no additional cooling
areas
140
K/W
All voltages are referenced to ground unless otherwise stated.
All currents into the device pins are positive; all currents out of the device pins are negative.


Similar Part No. - WKMSOP8

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
WKMSO8-TP ICHAUS-WKMSO8-TP Datasheet
247Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
More results

Similar Description - WKMSOP8

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
WKLSO8 ICHAUS-WKLSO8 Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
IC-WK ICHAUS-IC-WK Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
WKSO8 ICHAUS-WKSO8 Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
WKLMSOP8 ICHAUS-WKLMSOP8 Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
WKNDFN10 ICHAUS-WKNDFN10 Datasheet
274Kb / 9P
   15 V CW LASER DIODE DRIVER
IC-WKN ICHAUS-IC-WKN_14 Datasheet
543Kb / 12P
   15 V CW LASER DIODE DRIVER
IC-WKN ICHAUS-IC-WKN Datasheet
274Kb / 9P
   15 V CW LASER DIODE DRIVER
logo
Directed Energy, Inc.
PCO-6511 DEI-PCO-6511 Datasheet
588Kb / 2P
   CW Laser Diode Driver
logo
IC-Haus GmbH
IC-HT ICHAUS-IC-HT_15 Datasheet
949Kb / 45P
   DUAL CW LASER DIODE DRIVER
IC-HTG ICHAUS-IC-HTG Datasheet
1,003Kb / 40P
   POWER CW LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com