Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RRP31080-10 Datasheet(PDF) 3 Page - RFHIC

Part # RRP31080-10
Description  Pulse Amp Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RRP31080-10 Datasheet(HTML) 3 Page - RFHIC

  RRP31080-10 Datasheet HTML 1Page - RFHIC RRP31080-10 Datasheet HTML 2Page - RFHIC RRP31080-10 Datasheet HTML 3Page - RFHIC RRP31080-10 Datasheet HTML 4Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Pulse Amp Module
RRP31080-10
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
3 / 4
Version 1.0
Outline Drawing
* Unit: mm[inch] | Tolerance ±0.15[.006]


Similar Part No. - RRP31080-10

ManufacturerPart #DatasheetDescription
logo
RFHIC
RRP31250-10 RFHIC-RRP31250-10 Datasheet
424Kb / 5P
   Pulse Amp Module
RRP31280-10 RFHIC-RRP31280-10 Datasheet
340Kb / 4P
   Pulse Amp Module
RRP31352K6-20 RFHIC-RRP31352K6-20 Datasheet
449Kb / 3P
   50 Ohm Input/Output impedance
RRP3135900-12 RFHIC-RRP3135900-12 Datasheet
427Kb / 3P
   50 Ohm Input/Output impedance
More results

Similar Description - RRP31080-10

ManufacturerPart #DatasheetDescription
logo
RFHIC
RRP2735200-30 RFHIC-RRP2735200-30 Datasheet
497Kb / 5P
   Pulse Amp Module
RRP29280-10 RFHIC-RRP29280-10 Datasheet
340Kb / 4P
   Pulse Amp Module
RRP131K0-10 RFHIC-RRP131K0-10 Datasheet
224Kb / 4P
   Pulse Amp Module
RRP33100-10 RFHIC-RRP33100-10 Datasheet
425Kb / 5P
   Pulse Amp Module
RRP13330-10 RFHIC-RRP13330-10 Datasheet
316Kb / 4P
   Pulse Amp Module
RRP162168100-08A RFHIC-RRP162168100-08A Datasheet
342Kb / 5P
   Pulse Amp Module
RRP33080-10 RFHIC-RRP33080-10 Datasheet
346Kb / 4P
   Pulse Amp Module
RRP29080-10 RFHIC-RRP29080-10 Datasheet
340Kb / 4P
   Pulse Amp Module
RRP03250-10 RFHIC-RRP03250-10 Datasheet
134Kb / 5P
   Pulse Amp Module
RRP2933300-HR RFHIC-RRP2933300-HR Datasheet
379Kb / 5P
   Pulse Amp Module
RRP33280-10 RFHIC-RRP33280-10 Datasheet
340Kb / 4P
   Pulse Amp Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com