Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RRP291K0-10 Datasheet(PDF) 1 Page - RFHIC

Part # RRP291K0-10
Description  Pulse Amp Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RRP291K0-10 Datasheet(HTML) 1 Page - RFHIC

  RRP291K0-10 Datasheet HTML 1Page - RFHIC RRP291K0-10 Datasheet HTML 2Page - RFHIC RRP291K0-10 Datasheet HTML 3Page - RFHIC RRP291K0-10 Datasheet HTML 4Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Pulse Amp Module
RRP291K0-10
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
1 / 4
Version 1.0
Product Features
Applications
• Frequency from 2.7 ~ 3.1GHz
• GaN HEMT
• 50 Ohm Input/Output impedance
• High efficiency
• Radar system
Description
The RRP291K0-10 is designed for Radar system application frequencies from 2.7 ~ 3.1GHz.
This module uses GaN HEMT technology which performs high breakdown voltage, wide bandwidth and high efficiency.
Electrical Specifications @ VDS =50V, T=25°C, 50Ω System
PARAMETER
UNIT
MIN
TYP
MAX
SYMBOL
Operating Frequency
MHz
2700
-
3100
fO
Operating Bandwidth
MHz
-
400
-
BW
Output Pulse Power
W
1000
1100
-
PO
Input Pulse Power
dBm
-
0
-
PI
Power Gain
dB
60
60.5
-
GP
Gain Flatness
dB
-
-
±1.0
∆GP
Duty Cycle
%
-
-
20
DC
Pulse Width
us
-
-
500
PW
Efficiency
%
30
35
-
Eff
Amplitude Pulse Droop
dB
-
0.5
1.0
Droop
Harmonics 1 to N
dBc
40
-
-
HN
Spurious Level
dBc
60
-
-
Spur
Rise Time
ns
-
-
200
tr
Fall Time
ns
-
-
200
tf
Input VSWR
dB
-
-
1.5:1
VSWR
Output VSWR
dB
-
-
1.5:1
VSWR
Switching Time
us
-
0.5
1
tSW
Phase Deviation
˚
-20
-
20
∆φ
∗ Test Pulse conditions = 100us, 10%
∗ Above electrical specifications is measured by connecting electrolytic condenser 10,000uF to DC. Please make sure that electrolytic condenser is
connected properly while testing the module.
Custom design available
Absolute Maximum Ratings
PARAMETER
UNIT
RATING
SYMBOL
Operating Junction Temperature
°C
225
TJ
Operating Flange Temperature
°C
-30 ~ 75
TC
Storage Temperature
°C
-30 ~ 125
TSTG


Similar Part No. - RRP291K0-10

ManufacturerPart #DatasheetDescription
logo
RFHIC
RRP29080-10 RFHIC-RRP29080-10 Datasheet
340Kb / 4P
   Pulse Amp Module
RRP29250-10 RFHIC-RRP29250-10 Datasheet
424Kb / 5P
   Pulse Amp Module
RRP29280-10 RFHIC-RRP29280-10 Datasheet
340Kb / 4P
   Pulse Amp Module
RRP2933300-HR RFHIC-RRP2933300-HR Datasheet
379Kb / 5P
   Pulse Amp Module
RRP2933300-SR RFHIC-RRP2933300-SR Datasheet
379Kb / 5P
   Pulse Amp Module
More results

Similar Description - RRP291K0-10

ManufacturerPart #DatasheetDescription
logo
RFHIC
RRP2735200-30 RFHIC-RRP2735200-30 Datasheet
497Kb / 5P
   Pulse Amp Module
RRP29280-10 RFHIC-RRP29280-10 Datasheet
340Kb / 4P
   Pulse Amp Module
RRP131K0-10 RFHIC-RRP131K0-10 Datasheet
224Kb / 4P
   Pulse Amp Module
RRP33100-10 RFHIC-RRP33100-10 Datasheet
425Kb / 5P
   Pulse Amp Module
RRP13330-10 RFHIC-RRP13330-10 Datasheet
316Kb / 4P
   Pulse Amp Module
RRP162168100-08A RFHIC-RRP162168100-08A Datasheet
342Kb / 5P
   Pulse Amp Module
RRP33080-10 RFHIC-RRP33080-10 Datasheet
346Kb / 4P
   Pulse Amp Module
RRP29080-10 RFHIC-RRP29080-10 Datasheet
340Kb / 4P
   Pulse Amp Module
RRP03250-10 RFHIC-RRP03250-10 Datasheet
134Kb / 5P
   Pulse Amp Module
RRP2933300-HR RFHIC-RRP2933300-HR Datasheet
379Kb / 5P
   Pulse Amp Module
RRP33280-10 RFHIC-RRP33280-10 Datasheet
340Kb / 4P
   Pulse Amp Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com