Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RRC29050-10 Datasheet(PDF) 2 Page - RFHIC

Part # RRC29050-10
Description  GaN Hybrid Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RRC29050-10 Datasheet(HTML) 2 Page - RFHIC

  RRC29050-10 Datasheet HTML 1Page - RFHIC RRC29050-10 Datasheet HTML 2Page - RFHIC RRC29050-10 Datasheet HTML 3Page - RFHIC RRC29050-10 Datasheet HTML 4Page - RFHIC RRC29050-10 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Preliminary
GaN Hybrid Power Amplifier
RRC29050-10
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facilities : 919-677-8780 / sales@rfhicusa.com
2 / 5
Version 0.2
Mechanical Specifications
PARAMETER
UNIT
TYP
REMARK
Mass
g
2
-
Dimension
20.5 x 15 x 4.8
-
Absolute Maximum Ratings
PARAMETER
UNIT
RATING
SYMBOL
Gate-Source Voltage
V
-10 ~ 0
Vgs1
Vgs2
Drain-Source Voltage
V
100
Vds
Gate Current
mA
50
Ig
Operating Junction Temperature
°C
225
TJ
Operating Case Temperature
°C
-30 ~ 80
TC
Storage Temperature
°C
-55 ~ 150
TSTG
Operating Voltages
PARAMETER
UNIT
MIN
TYP
MAX
SYMBOL
Drain Voltage
V
47
48
49
Vds
Gate Voltage (on-stage)
V
-
Vgs1@Idq1
-2
Vgs 1
Gate Voltage (on-stage)
V
-
Vgs2@Idq2
-2
Vgs 2
Gate Voltage (off-stage)
V
-
-8
-
Vgs 1
Gate Voltage (off-stage)
V
-
-8
-
Vgs 2
Power Supply
PARAMETER
UNIT
MIN
TYP
MAX
SYMBOL
Drain-Source current
A
-
-
3
Ids
Gate-Source Current (on-stage)
mA
-
-
20
Igs
Gate-Source Current (off-stage)
mA
-
-
0.04
Igs
Block Diagram


Similar Part No. - RRC29050-10

ManufacturerPart #DatasheetDescription
logo
RRC power solutions Ltd...
RRC2020 RRC-RRC2020 Datasheet
402Kb / 4P
   Standard Battery Pack Li-Ion
RRC2024 RRC-RRC2024 Datasheet
391Kb / 4P
   Standard Battery Pack Li-Ion
RRC2037 RRC-RRC2037 Datasheet
366Kb / 4P
   Standard Battery Pack Li-Ion
RRC2040 RRC-RRC2040 Datasheet
400Kb / 4P
   Standard Battery Pack Li-Ion
RRC2040-2 RRC-RRC2040-2 Datasheet
420Kb / 4P
   Standard Battery Pack Li-Ion 10.80V / 6.90Ah / 74.52Wh
More results

Similar Description - RRC29050-10

ManufacturerPart #DatasheetDescription
logo
RFHIC
HM0225-05A RFHIC-HM0225-05A Datasheet
298Kb / 6P
   GaN Hybrid Power Amplifier
TG1000-10 RFHIC-TG1000-10 Datasheet
557Kb / 6P
   GaN Hybrid Power Amplifier
TG520-10 RFHIC-TG520-10 Datasheet
585Kb / 6P
   GaN Hybrid Power Amplifier
TG2000-10 RFHIC-TG2000-10 Datasheet
622Kb / 6P
   GaN Hybrid Power Amplifier
HS6472-20A RFHIC-HS6472-20A Datasheet
819Kb / 6P
   GaN Hybrid Power Amplifier
RTH353710X RFHIC-RTH353710X Datasheet
481Kb / 4P
   GaN Hybrid Power Amplifier
HT0808-30A RFHIC-HT0808-30A Datasheet
272Kb / 8P
   GaN Hybrid Power Amplifier
HS7785-20A RFHIC-HS7785-20A Datasheet
822Kb / 6P
   GaN Hybrid Power Amplifier
HM2060-10A RFHIC-HM2060-10A Datasheet
256Kb / 7P
   GaN Hybrid Power Amplifier
HM0005-10A RFHIC-HM0005-10A Datasheet
211Kb / 7P
   GaN Hybrid Power Amplifier
RRC31050-10 RFHIC-RRC31050-10 Datasheet
191Kb / 5P
   GaN Hybrid Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com