Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT2626-15M Datasheet(PDF) 5 Page - RFHIC

Part # HT2626-15M
Description  GaN Hybrid Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

HT2626-15M Datasheet(HTML) 5 Page - RFHIC

  HT2626-15M Datasheet HTML 1Page - RFHIC HT2626-15M Datasheet HTML 2Page - RFHIC HT2626-15M Datasheet HTML 3Page - RFHIC HT2626-15M Datasheet HTML 4Page - RFHIC HT2626-15M Datasheet HTML 5Page - RFHIC HT2626-15M Datasheet HTML 6Page - RFHIC HT2626-15M Datasheet HTML 7Page - RFHIC HT2626-15M Datasheet HTML 8Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
GaN Hybrid Power Amplifier
HT2626-15M
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facilities : 919-677-8780 / sales@rfhicusa.com
5 / 8
Version 1.0
Performance Charts
* Bias condition @ Idq1= 140mA, Idq2= 105mA, Ta=25℃
Power Gain vs. Output Power
Efficiency vs. Output Power
24
26
28
30
32
34
30
31
32
33
34
35
Output Power[dBm]
2.61GHz
2.65GHz
2.69GHz
10
15
20
25
30
35
30
31
32
33
34
35
Output Power[dBm]
2.61GHz
2.65GHz
2.69GHz
ACLR vs. Output Power
Ids1 vs. Ids2 vs. Output Power
-44
-42
-40
-38
-36
-34
-32
-30
30
31
32
33
34
35
Output Power[dBm]
2.61GHz
2.65GHz
2.69GHz
*LTE 10MHz (PAPR=7.5dB) w/o DPD
0
50
100
150
200
250
300
350
30
31
32
33
34
35
Output Power[dBm]
Ids1@2.65GHz
Ids2@2.65GHz


Similar Part No. - HT2626-15M

ManufacturerPart #DatasheetDescription
logo
RFHIC
HT2626-15A RFHIC-HT2626-15A Datasheet
255Kb / 8P
   GaN Hybrid Power Amplifier
More results

Similar Description - HT2626-15M

ManufacturerPart #DatasheetDescription
logo
RFHIC
HM0225-05A RFHIC-HM0225-05A Datasheet
298Kb / 6P
   GaN Hybrid Power Amplifier
TG1000-10 RFHIC-TG1000-10 Datasheet
557Kb / 6P
   GaN Hybrid Power Amplifier
TG520-10 RFHIC-TG520-10 Datasheet
585Kb / 6P
   GaN Hybrid Power Amplifier
TG2000-10 RFHIC-TG2000-10 Datasheet
622Kb / 6P
   GaN Hybrid Power Amplifier
HS6472-20A RFHIC-HS6472-20A Datasheet
819Kb / 6P
   GaN Hybrid Power Amplifier
RTH353710X RFHIC-RTH353710X Datasheet
481Kb / 4P
   GaN Hybrid Power Amplifier
HT0808-30A RFHIC-HT0808-30A Datasheet
272Kb / 8P
   GaN Hybrid Power Amplifier
HS7785-20A RFHIC-HS7785-20A Datasheet
822Kb / 6P
   GaN Hybrid Power Amplifier
HM2060-10A RFHIC-HM2060-10A Datasheet
256Kb / 7P
   GaN Hybrid Power Amplifier
HM0005-10A RFHIC-HM0005-10A Datasheet
211Kb / 7P
   GaN Hybrid Power Amplifier
RRC31050-10 RFHIC-RRC31050-10 Datasheet
191Kb / 5P
   GaN Hybrid Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com