Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SiHFR1N60A Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # SiHFR1N60A
Description  Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

SiHFR1N60A Datasheet(HTML) 1 Page - Lucky Light Electronic

  SiHFR1N60A Datasheet HTML 1Page - Lucky Light Electronic SiHFR1N60A Datasheet HTML 2Page - Lucky Light Electronic SiHFR1N60A Datasheet HTML 3Page - Lucky Light Electronic SiHFR1N60A Datasheet HTML 4Page - Lucky Light Electronic SiHFR1N60A Datasheet HTML 5Page - Lucky Light Electronic SiHFR1N60A Datasheet HTML 6Page - Lucky Light Electronic SiHFR1N60A Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.kersemi.com
1
Power MOSFET
IRFR1N60A, IRFU1N60A, SiHFR1N60A, SiHFU1N60A
FEATURES
• Low Gate Charge Qg Results in Simple Drive
Requirement
• Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
• Fully Characterized Capacitance and Avalanche Voltage
and Current
• Lead (Pb)-free Available
APPLICATIONS
• Switch Mode Power Supply (SMPS)
• Uninterruptible Power Supply
• Power Factor Correction
TYPICAL SMPS TOPOLOGIES
• Low Power Single Transistor Flyback
Note
a. See device orientation.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Starting TJ = 25 °C, L = 95 mH, RG = 25 Ω, IAS = 1.4 A (see fig. 12).
c. ISD ≤ 1.4 A, dI/dt ≤ 180 A/µs, VDD ≤ VDS, TJ ≤ 150 °C.
d. 1.6 mm from case.
PRODUCT SUMMARY
VDS (V)
600
RDS(on) (Max.) (Ω)VGS = 10 V
7.0
Qg (Max.) (nC)
14
Qgs (nC)
2.7
Qgd (nC)
8.1
Configuration
Single
N-Channel MOSFET
G
D
S
DPAK
(TO-252)
IPAK
(TO-251)
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
DPAK (TO-252)
DPAK (TO-252)
DPAK (TO-252)
DPAK (TO-252)
IPAK (TO-251)
Lead (Pb)-free
IRFR1N60APbF
IRFR1N60ATRLPbFa
IRFR1N60ATRPbFa
IRFR1N60ATRRPbFa
IRFU1N60APbF
SiHFR1N60A-E3
SiHFR1N60ATL-E3a
SiHFR1N60AT-E3a
SiHFR1N60ATR-E3a
SiHFU1N60A-E3
SnPb
IRFR1N60A
-
IRFR1N60ATRa
-
IRFU1N60A
SiHFR1N60A
-
SiHFR1N60ATa
-
SiHFU1N60A
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
600
V
Gate-Source Voltage
VGS
± 30
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
1.4
A
TC = 100 °C
0.89
Pulsed Drain Currenta
IDM
5.6
Linear Derating Factor
0.28
W/°C
Single Pulse Avalanche Energyb
EAS
93
mJ
Repetitive Avalanche Currenta
IAR
1.4
A
Repetitive Avalanche Energya
EAR
3.6
mJ
Maximum Power Dissipation
TC = 25 °C
PD
36
W
Peak Diode Recovery dV/dtc
dV/dt
3.8
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d


Similar Part No. - SiHFR1N60A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHFR1N60A VISHAY-SIHFR1N60A Datasheet
156Kb / 8P
   Power MOSFET
S-81367-Rev. A, 21-Jul-08
logo
Kersemi Electronic Co.,...
SIHFR1N60A KERSEMI-SIHFR1N60A Datasheet
2Mb / 7P
   Power MOSFET
logo
Inchange Semiconductor ...
SIHFR1N60A ISC-SIHFR1N60A Datasheet
333Kb / 2P
   iscN-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
SIHFR1N60A VBSEMI-SIHFR1N60A Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Vishay Siliconix
SIHFR1N60A VISHAY-SIHFR1N60A Datasheet
270Kb / 13P
   Power MOSFET
01-Jan-2022
More results

Similar Description - SiHFR1N60A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com