Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SiHFU1N60A Datasheet(PDF) 7 Page - Lucky Light Electronic

Part # SiHFU1N60A
Description  Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

SiHFU1N60A Datasheet(HTML) 7 Page - Lucky Light Electronic

  SiHFU1N60A Datasheet HTML 1Page - Lucky Light Electronic SiHFU1N60A Datasheet HTML 2Page - Lucky Light Electronic SiHFU1N60A Datasheet HTML 3Page - Lucky Light Electronic SiHFU1N60A Datasheet HTML 4Page - Lucky Light Electronic SiHFU1N60A Datasheet HTML 5Page - Lucky Light Electronic SiHFU1N60A Datasheet HTML 6Page - Lucky Light Electronic SiHFU1N60A Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.kersemi.com
7
IRFR1N60A, IRFU1N60A, SiHFR1N60A, SiHFU1N60A
Fig. 14 - For N-Channel
P.W.
Period
dI/dt
Diode recovery
dV/dt
Ripple
≤ 5 %
Body diode forward drop
Re-applied
voltage
Reverse
recovery
current
Body diode forward
current
VGS = 10 V*
VDD
ISD
Driver gate drive
D.U.T. ISD waveform
D.U.T. VDS waveform
Inductor current
D =
P.W.
Period
+
-
+
+
+
-
-
-
* VGS = 5 V for logic level devices
Peak Diode Recovery dV/dt Test Circuit
VDD
• dV/dt controlled by R
G
• Driver same type as D.U.T.
• ISD controlled by duty factor "D"
• D.U.T. - device under test
D.U.T
Circuit layout considerations
• Low stray inductance
• Ground plane
• Low leakage inductance
current transformer
RG


Similar Part No. - SiHFU1N60A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHFU1N60A VISHAY-SIHFU1N60A Datasheet
156Kb / 8P
   Power MOSFET
S-81367-Rev. A, 21-Jul-08
logo
Kersemi Electronic Co.,...
SIHFU1N60A KERSEMI-SIHFU1N60A Datasheet
2Mb / 7P
   Power MOSFET
logo
Inchange Semiconductor ...
SIHFU1N60A ISC-SIHFU1N60A Datasheet
341Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
SIHFU1N60A VISHAY-SIHFU1N60A Datasheet
270Kb / 13P
   Power MOSFET
01-Jan-2022
SIHFU1N60A-E3 VISHAY-SIHFU1N60A-E3 Datasheet
156Kb / 8P
   Power MOSFET
S-81367-Rev. A, 21-Jul-08
More results

Similar Description - SiHFU1N60A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com