Electronic Components Datasheet Search |
|
LL-544VD2I-V1-4I Datasheet(PDF) 4 Page - Lucky Light Electronic |
|
LL-544VD2I-V1-4I Datasheet(HTML) 4 Page - Lucky Light Electronic |
4 / 7 page Luckylight Spec No: B546X270 Rev No: V.2 Date: Nov/22/2005 Page: 4 OF 7 Approved: JoJo Checked: Wu Drawn: Yao Lucky Light Electronics Co., Ltd. Http://www.luckylight.cn Absolute Maximum Ratings at Ta=25℃ Parameters Symbol Max. Unit Power Dissipation PD 62 mW Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width) IFP 100 mA Forward Current IF 25 mA Reverse Voltage VR 5 V Operating Temperature Range Topr -40℃ to +85℃ Storage Temperature Range Tstg -40℃ to +100℃ Lead Soldering Temperature [4mm (.157″) From Body] Tsld 260℃ for 5 Seconds Electrical Optical Characteristics at Ta=25℃ Parameters Symbol Min. Typ. Max. Unit Test Condition Luminous Intensity * IV 780 1300 --- mcd IF=20mA (Note 1) X --- 110 --- Viewing Angle * 2θ1/2 Y --- 40 --- Deg IF=20mA (Note 2) Peak Emission Wavelength λp --- 632 --- nm IF=20mA Dominant Wavelength λd --- 624 --- nm IF=20mA (Note 3) Spectrum Radiation Bandwidth Δλ --- 20 --- nm IF=20mA Forward Voltage VF 1.60 2.00 2.50 V IF=20mA Reverse Current IR --- --- 10 µA VR=5V Notes: 1. Luminous Intensity Measurement allowance is ± 10%. 2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity. 3. The dominant wavelength (λd) is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the device. |
Similar Part No. - LL-544VD2I-V1-4I |
|
Similar Description - LL-544VD2I-V1-4I |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |