Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL-1004WC2D-W2-1SD Datasheet(PDF) 8 Page - Lucky Light Electronic

Part # LL-1004WC2D-W2-1SD
Description  White LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-1004WC2D-W2-1SD Datasheet(HTML) 8 Page - Lucky Light Electronic

  LL-1004WC2D-W2-1SD Datasheet HTML 1Page - Lucky Light Electronic LL-1004WC2D-W2-1SD Datasheet HTML 2Page - Lucky Light Electronic LL-1004WC2D-W2-1SD Datasheet HTML 3Page - Lucky Light Electronic LL-1004WC2D-W2-1SD Datasheet HTML 4Page - Lucky Light Electronic LL-1004WC2D-W2-1SD Datasheet HTML 5Page - Lucky Light Electronic LL-1004WC2D-W2-1SD Datasheet HTML 6Page - Lucky Light Electronic LL-1004WC2D-W2-1SD Datasheet HTML 7Page - Lucky Light Electronic LL-1004WC2D-W2-1SD Datasheet HTML 8Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Luckylight
Spec No.: B810 X285
Rev No.: V.2
Date: Jun/26/2006
Page: 8 OF 8
Approved: JoJo
Checked: Wu
Drawn: Yao
Lucky Light Electronics Co., Ltd.
http://www.luckylight.cn
Please read the following notes before using the datasheets:
1. Over-current-proof
Customer must apply resistors for protection, otherwise slight voltage shift will cause big current change
(Burn out will happen).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package, the LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 The LEDs should be used within a year.
2.4 After opening the package, the LEDs should be kept at 30℃ or less and 70%RH or less.
2.5 The LEDs should be used within 168 hours (7 days) after opening the package.
3. Soldering Condition
3.1 Pb-free solder temperature profile.
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.
4. Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 260℃ for 5 seconds within once in
less than the soldering iron capacity 25W. Leave two seconds and more intervals, and do soldering of each
terminal. Be careful because the damage of the product is often started at the time of the hand sold
er.
5. Repairing
Repair should not be done after the LEDs have been soldered. When repairing is unavoidable, a
double-head soldering iron should be used (as below figure). It should be confirmed beforehand whether
the characteristics of the LEDs will or will not be damaged by repairing.
6. Caution in ESD
Static Electricity and surge damages the LED. It is recommend to use a wrist band or anti-electrostatic
glove when handling the LED. All devices equipment and machinery must be properly grounded.


Similar Part No. - LL-1004WC2D-W2-1SD

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-1004WC2D-W2-1SD LUCKY-LIGHT-LL-1004WC2D-W2-1SD Datasheet
230Kb / 8P
   10mm Round With Flange Type White LED Technical Data Sheet
LL-1004WC2D-W2-1SD LUCKY-LIGHT-LL-1004WC2D-W2-1SD_15 Datasheet
230Kb / 8P
   White LED
More results

Similar Description - LL-1004WC2D-W2-1SD

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPW500DS NICHIA-NSPW500DS Datasheet
204Kb / 15P
   WHITE LED
NSPW500GS-K1 NICHIA-NSPW500GS-K1 Datasheet
185Kb / 15P
   WHITE LED
logo
Lucky Light Electronic
LL-804WC2C-W2-3SD LUCKY-LIGHT-LL-804WC2C-W2-3SD Datasheet
232Kb / 8P
   White LED
logo
Marl International Limi...
NSPW315DS MARL-NSPW315DS Datasheet
206Kb / 15P
   WHITE LED
NSPW500DS MARL-NSPW500DS Datasheet
420Kb / 15P
   WHITE LED
NSPW515DS MARL-NSPW515DS Datasheet
195Kb / 15P
   WHITE LED
logo
List of Unclassifed Man...
NFSW036T ETC-NFSW036T Datasheet
822Kb / 14P
   WHITE LED
logo
Lucky Light Electronic
LL-484WC1F-W0-1J LUCKY-LIGHT-LL-484WC1F-W0-1J_15 Datasheet
205Kb / 7P
   White LED
logo
NICHIA CORPORATION
NC2W170CT NICHIA-NC2W170CT Datasheet
296Kb / 19P
   WHITE LED
NESW146AT NICHIA-NESW146AT Datasheet
286Kb / 18P
   WHITE LED
NFSW757DT-V1M3 NICHIA-NFSW757DT-V1M3 Datasheet
272Kb / 18P
   WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com