Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2159 Datasheet(PDF) 3 Page - NEC

Part # 2SK2159
Description  N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK2159 Datasheet(HTML) 3 Page - NEC

  2SK2159 Datasheet HTML 1Page - NEC 2SK2159 Datasheet HTML 2Page - NEC 2SK2159 Datasheet HTML 3Page - NEC 2SK2159 Datasheet HTML 4Page - NEC 2SK2159 Datasheet HTML 5Page - NEC 2SK2159 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK2159
3
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TA - Ambient Temperature - ˚C
0
FORWARD BIAS SAFE OPERATING AREA
VDS - Drain to Source Voltage - V
0.1
1
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
0
TRANSFER CHARACTERISTICS
VGS - Gate to Source Voltage - V
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
ID - Drain Current - A
0.001
DRAIN TO SOURCE ON-STATE RESISTANCE
vs. DRAIN CURRENT
ID - Drain Current - A
0
0.001
20
40
60
80
100
30
60
90
120
150
2
5
10
20
50
100
0.2
0.5
10
5
1
2
1 ms
10
ms
PW
=
100
ms
DC
1
2
3
4
5
0.4
0.8
1.2
1.6
2.0
7 V
3.5
V
3.0
V
2.5
V
2.0
V
1.5 V
VGS = 1.0 V
0.001
0.01
0.1
1
10
12
3
0.01
0.1
1
10
0.01
0.1
1
TA = –25 °C
25 °C
75 °C
0.2
0.4
0.6
0.8
1
1.2
1.4
0.1
1
10
TA = 75 °C
25 °C
–25 °C
VDS = 10 V
VDS = 10 V
VGS = 1.5 V
TA = 75 °C
25 ° C
–25 °C
0.01
Single pulse
0


Similar Part No. - 2SK2159

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK2159 KEXIN-2SK2159 Datasheet
47Kb / 1P
   MOS Field Effect Transistor
logo
VBsemi Electronics Co.,...
2SK2159 VBSEMI-2SK2159 Datasheet
1,020Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Renesas Technology Corp
2SK2159 RENESAS-2SK2159 Datasheet
264Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
1996
logo
Guangdong Kexin Industr...
2SK2159-HF KEXIN-2SK2159-HF Datasheet
1Mb / 3P
   N-Channel MOSFET
2SK2159 KEXIN-2SK2159_15 Datasheet
1Mb / 3P
   N-Channel MOSFET
More results

Similar Description - 2SK2159

ManufacturerPart #DatasheetDescription
logo
NEC
2SK1272 NEC-2SK1272 Datasheet
401Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK2053 NEC-2SK2053 Datasheet
62Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2090 NEC-2SK2090 Datasheet
59Kb / 6P
   N-Channel MOS FET FOR HIGH-SPEED SWITCHING
2SK2109 NEC-2SK2109 Datasheet
58Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2110 NEC-2SK2110 Datasheet
58Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2070 NEC-2SK2070 Datasheet
59Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK1398 NEC-2SK1398 Datasheet
52Kb / 8P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK680A NEC-2SK680A Datasheet
317Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING?
2SK1958 NEC-2SK1958 Datasheet
60Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK1273 NEC-2SK1273 Datasheet
356Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com