Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XBS024S15-12 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XBS024S15-12
Description  Schottky Barrier Diode, 200mA, 40V Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XBS024S15-12 Datasheet(HTML) 3 Page - Torex Semiconductor

  XBS024S15-12 Datasheet HTML 1Page - Torex Semiconductor XBS024S15-12 Datasheet HTML 2Page - Torex Semiconductor XBS024S15-12 Datasheet HTML 3Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/3
XBS024S15R-G
1.
The products and product specifications contained herein are subject to change without
notice to improve performance characteristics.
Consult us, or our representatives
before use, to confirm that the information in this datasheet is up to date.
2.
We assume no responsibility for any infringement of patents, patent rights, or other
rights arising from the use of any information and circuitry in this datasheet.
3.
Please ensure suitable shipping controls (including fail-safe designs and aging
protection) are in force for equipment employing products listed in this datasheet.
4.
The products in this datasheet are not developed, designed, or approved for use with
such equipment whose failure of malfunction can be reasonably expected to directly
endanger the life of, or cause significant injury to, the user.
(e.g. Atomic energy; aerospace; transport; combustion and associated safety
equipment thereof.)
5.
Please use the products listed in this datasheet within the specified ranges.
Should you wish to use the products under conditions exceeding the specifications,
please consult us or our representatives.
6.
We assume no responsibility for damage or loss due to abnormal use.
7.
All rights reserved. No part of this datasheet may be copied or reproduced without the
prior permission of TOREX SEMICONDUCTOR LTD.


Similar Part No. - XBS024S15-12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBS024S15 TOREX-XBS024S15 Datasheet
72Kb / 3P
   Schottky Barrier Diode, 200mA, 40V Type
XBS024S15R TOREX-XBS024S15R Datasheet
94Kb / 3P
   Schottky Barrier Diode, 200mA, 40V Type
XBS024S15R-G TOREX-XBS024S15R-G Datasheet
94Kb / 3P
   Schottky Barrier Diode, 200mA, 40V Type
XBS024S15R-G TOREX-XBS024S15R-G Datasheet
94Kb / 3P
   Schottky Barrier Diode, 200mA, 40V Type
XBS024S15 TOREX-XBS024S15_12 Datasheet
94Kb / 3P
   Schottky Barrier Diode, 200mA, 40V Type
More results

Similar Description - XBS024S15-12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBS024S15 TOREX-XBS024S15 Datasheet
72Kb / 3P
   Schottky Barrier Diode, 200mA, 40V Type
XBS024S15 TOREX-XBS024S15_12 Datasheet
94Kb / 3P
   Schottky Barrier Diode, 200mA, 40V Type
XBS024S15R-G TOREX-XBS024S15R-G Datasheet
94Kb / 3P
   Schottky Barrier Diode, 200mA, 40V Type
XBS023P11R-G TOREX-XBS023P11R-G Datasheet
225Kb / 5P
   Schottky Barrier Diode, 200mA, 30V Type
logo
SeCoS Halbleitertechnol...
SCS540DSTN SECOS-SCS540DSTN Datasheet
302Kb / 2P
   40V, 200mA Small Signal Schottky Diode
logo
Torex Semiconductor
XBS304F11R-G TOREX-XBS304F11R-G Datasheet
223Kb / 5P
   Schottky Barrier Diode, 3A, 40V Type
XBS304S17-12 TOREX-XBS304S17-12 Datasheet
100Kb / 3P
   Schottky Barrier Diode, 3A, 40V Type
XBS304S17 TOREX-XBS304S17_12 Datasheet
100Kb / 3P
   Schottky Barrier Diode, 3A, 40V Type
XBS104S13 TOREX-XBS104S13_12 Datasheet
97Kb / 3P
   Schottky Barrier Diode, 1A, 40V Type
XBS104V14-12 TOREX-XBS104V14-12 Datasheet
95Kb / 3P
   Schottky Barrier Diode, 1A, 40V Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com