Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC3101-12 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC3101-12
Description  Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC3101-12 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC3101-12 Datasheet HTML 1Page - Torex Semiconductor XC3101-12 Datasheet HTML 2Page - Torex Semiconductor XC3101-12 Datasheet HTML 3Page - Torex Semiconductor XC3101-12 Datasheet HTML 4Page - Torex Semiconductor XC3101-12 Datasheet HTML 5Page - Torex Semiconductor XC3101-12 Datasheet HTML 6Page - Torex Semiconductor XC3101-12 Datasheet HTML 7Page - Torex Semiconductor XC3101-12 Datasheet HTML 8Page - Torex Semiconductor XC3101-12 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
XC3101
Series
■BLOCK DIAGRAM
■ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VDD
VSS -0.3~+7.0
V
Analog Output Voltage
VAOUT
VSS -0.3~VDD +0.3
V
Alarm Output Voltage
VDOUT
VSS~VSS +7.0
V
Output Current
IDOUT, IAOUT
30
mA
USPN-4
100
Power Dissipation
SSOT-24
Pd
150
mW
Operating Ambient Temperature
Ta
-40~+100
Storage Temperature
Tstg
-55~+125
*Diodes inside the circuit are an ESD protection diode and a parasitic diode.
Ta=25℃


Similar Part No. - XC3101-12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC3101 TOREX-XC3101 Datasheet
225Kb / 13P
   Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
XC3101AC707R-G TOREX-XC3101AC707R-G Datasheet
225Kb / 13P
   Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
XC3101AC70NR-G TOREX-XC3101AC70NR-G Datasheet
225Kb / 13P
   Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
XC3101 TOREX-XC3101_12 Datasheet
225Kb / 13P
   Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
XC3101 TOREX-XC3101_15 Datasheet
225Kb / 13P
   Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
More results

Similar Description - XC3101-12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC3101 TOREX-XC3101 Datasheet
225Kb / 13P
   Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
XC3101 TOREX-XC3101_12 Datasheet
225Kb / 13P
   Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
XC3101 TOREX-XC3101_15 Datasheet
225Kb / 13P
   Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
logo
Rohm
BD1020HFV ROHM-BD1020HFV_15 Datasheet
1Mb / 13P
   Temperature Sensor IC Analog Output
BD1020HFV ROHM-BD1020HFV_10 Datasheet
295Kb / 6P
   Analog Output Temperature Sensor IC
logo
Maxim Integrated Produc...
DS600 MAXIM-DS600 Datasheet
73Kb / 4P
   0.5 Accurate Analog-Output Temperature Sensor
REV: 040804
DS600 MAXIM-DS600_07 Datasheet
193Kb / 5P
   ±0.5 Accurate Analog-Output Temperature Sensor
REV: 041607
logo
ASM GmbH
AWS ASM-SENSOR-AWS Datasheet
167Kb / 5P
   Angle sensor with analog output
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
   Inclination Sensor with Analog Output
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com