Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMG2AT148 Datasheet(PDF) 1 Page - Rohm

Part # FMG2AT148
Description  NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FMG2AT148 Datasheet(HTML) 1 Page - Rohm

  FMG2AT148 Datasheet HTML 1Page - Rohm FMG2AT148 Datasheet HTML 2Page - Rohm FMG2AT148 Datasheet HTML 3Page - Rohm FMG2AT148 Datasheet HTML 4Page - Rohm FMG2AT148 Datasheet HTML 5Page - Rohm FMG2AT148 Datasheet HTML 6Page - Rohm FMG2AT148 Datasheet HTML 7Page - Rohm FMG2AT148 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Datasheet
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
EMG2 / UMG2N / FMG2A
NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
lOutline
lFeatures
1) Built-In Biasing Resistors, R1 = R2 = 47kW.
2) Two DTC144E chips in one package.
3) Emitter(GND)-common type.
4) Built-in bias resistors enable the configuration of
an inverter circuit without connecting external
input resistors (see inner circuit).
5) The bias resistors consist of thin-film resistors
lInner circuit
with complete isolation to allow negative biasing
of the input. They also have the advantage of
completely eliminating parasitic effects.
6) Only the on/off conditions need to be set for
operation, making the circuit design easy.
7) Lead Free/RoHS Compliant.
lApplication
Inverter circuit, Interface circuit, Driver circuit
lPackaging specifications
R1
47kW
R2
47kW
Parameter
Tr1 and Tr2
VCC
50V
IC(MAX.)
100mA
Part No.
Package
Package
size
(mm)
Taping
code
8,000
G2
8
Tape width
(mm)
Basic
ordering
unit (pcs)
Marking
Reel size
(mm)
EMG2
EMT5
1616
T2R
180
3,000
G2
FMG2A
3,000
G2
UMG2N
UMT5
2021
TR
180
8
SMT5
2928
T148
180
8
EMT5
UMT5
SMT5
(5)
(1)
(2)
(4)
(3)
(2)
(1)
(3)
(4)
(5)
EMG2
(SC-107BB)
FMG2A
(SC-74A)
UMG2N
SOT-353 (SC-88A)
(4)
OUT
IN
(3)
GND
(2)
(5)
OUT
IN
(1)
(2)
OUT
IN
(3)
GND
(4)
(1)
OUT
IN
(5)
EMG2 / UMG2N
FMG2A
(1)
(5)
(4)
(2)
(3)
1/7
2012.06 - Rev.B


Similar Part No. - FMG2AT148

ManufacturerPart #DatasheetDescription
logo
Rohm
FMG2A ROHM-FMG2A Datasheet
71Kb / 3P
   Emitter common (dual digital transistors)
FMG2A ROHM-FMG2A Datasheet
473Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMG2A ROHM-FMG2A Datasheet
1Mb / 11P
   Emitter common (dual digital transistors)
More results

Similar Description - FMG2AT148

ManufacturerPart #DatasheetDescription
logo
Rohm
IMH9AT110 ROHM-IMH9AT110 Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMH11NTN ROHM-UMH11NTN Datasheet
471Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMG5T2R ROHM-EMG5T2R Datasheet
420Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMG3 ROHM-UMG3 Datasheet
422Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMH8NTR ROHM-UMH8NTR Datasheet
361Kb / 6P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMG6NTR ROHM-UMG6NTR Datasheet
434Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMG2NTR ROHM-UMG2NTR Datasheet
473Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMG8AT148 ROHM-FMG8AT148 Datasheet
435Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMH2 ROHM-EMH2_12 Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMG1T2R ROHM-EMG1T2R Datasheet
463Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com