Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VA102 Datasheet(PDF) 4 Page - RFHIC

Part # VA102
Description  Variable Attenuator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

VA102 Datasheet(HTML) 4 Page - RFHIC

  VA102_14 Datasheet HTML 1Page - RFHIC VA102_14 Datasheet HTML 2Page - RFHIC VA102_14 Datasheet HTML 3Page - RFHIC VA102_14 Datasheet HTML 4Page - RFHIC VA102_14 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Variable Attenuator
VA102
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
4 / 5
Version 5.5
Package Dimensions (Type: HY-46B)
* Unit: mm[inch] | Tolerance: ±0.15[.006]
Top View
Side View
Pin Description
Pin No
Function
Pin No
Function
1
Input 1
4
Vcc+5V
2
Ground
5
Ground
3
Control
6
Output 1
Recommended Pattern
* Mounting Configuration Notes
1. Ground / thermal via holes are critical for the proper performance of this device.
2. Add as much copper as possible to inner and outer layers near the part to ensure optimal thermal performance.
3. Mounting screws can be added near the part to fasten the board to a heatsink. Ensure that the ground / thermal via hole region contacts the heatsink.
4. Do not put solder mask on the backside of the PCB in the region where the board contacts the heatsink.
5. RF trace width depends upon the PCB material and construction.
6. Use 1 oz. Copper minimum.


Similar Part No. - VA102_14

ManufacturerPart #DatasheetDescription
logo
RFHIC
VA102 RFHIC-VA102 Datasheet
189Kb / 3P
   Variable attenuator
More results

Similar Description - VA102_14

ManufacturerPart #DatasheetDescription
logo
RFHIC
VA101 RFHIC-VA101 Datasheet
164Kb / 2P
   Variable Attenuator
VA101 RFHIC-VA101_14 Datasheet
133Kb / 4P
   Variable Attenuator
VA103 RFHIC-VA103 Datasheet
185Kb / 3P
   Variable attenuator
VA102 RFHIC-VA102 Datasheet
189Kb / 3P
   Variable attenuator
VA103 RFHIC-VA103_14 Datasheet
146Kb / 4P
   Variable Attenuator
logo
Merrimac Industries, In...
VVA-MCM-1.9G-A MERRIMAC-VVA-MCM-1.9G-A Datasheet
124Kb / 2P
   VOLTAGE VARIABLE ATTENUATOR
logo
Mini-Circuits
EVA-1500 MINI-EVA-1500 Datasheet
402Kb / 3P
   Voltage Variable Attenuator
MVA-2000 MINI-MVA-2000 Datasheet
442Kb / 3P
   Voltage Variable Attenuator
SVA-2000 MINI-SVA-2000 Datasheet
421Kb / 2P
   Voltage Variable Attenuator
VACC-22 MINI-VACC-22 Datasheet
285Kb / 3P
   Voltage Variable Attenuator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com