Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL1015-L Datasheet(PDF) 2 Page - RFHIC

Part # WL1015-L
Description  Wideband LNA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

WL1015-L Datasheet(HTML) 2 Page - RFHIC

  WL1015-L Datasheet HTML 1Page - RFHIC WL1015-L Datasheet HTML 2Page - RFHIC WL1015-L Datasheet HTML 3Page - RFHIC WL1015-L Datasheet HTML 4Page - RFHIC WL1015-L Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Wideband LNA
WL1008-L / WL2208-L
WL1015-L / WL2215-L
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
2 / 5
Version 6.1
Functional Diagram
Application Circuit
ESD Protection
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper
ESD control techniques should be used when handling these devices. Some of the precautions recommended are;
-
Person at a workbench should be earthed via a wrist strap and a resistor.
-
All mains-powered equipment should be connected to the mains via an earth-leakage switch.
-
Equipment cases should be grounded.
-
Relative humidity should be maintained between 40% and 50%.
-
An ionizer is recommended.
-
Keep static materials, such as plastic envelopes and plastic trays etc. away from the workbench.


Similar Part No. - WL1015-L

ManufacturerPart #DatasheetDescription
logo
RFHIC
WL1015-L RFHIC-WL1015-L Datasheet
659Kb / 4P
   Wideband LNA
More results

Similar Description - WL1015-L

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2513 TRIQUINT-TGA2513 Datasheet
103Kb / 9P
   Wideband LNA
logo
RFHIC
WL2205-L RFHIC-WL2205-L Datasheet
232Kb / 4P
   Wideband LNA
WL2210-L RFHIC-WL2210-L Datasheet
238Kb / 4P
   Wideband LNA
logo
Mini-Circuits
AVA-0233LN++ MINI-AVA-0233LN+ Datasheet
556Kb / 7P
   Wideband LNA
REV. A
logo
RFHIC
WL1008-L RFHIC-WL1008-L Datasheet
659Kb / 4P
   Wideband LNA
WLP0640 RFHIC-WLP0640 Datasheet
405Kb / 4P
   Wideband LNA
WL0510 RFHIC-WL0510 Datasheet
223Kb / 4P
   Wideband LNA
logo
TriQuint Semiconductor
TGA2513 TRIQUINT-TGA2513_15 Datasheet
532Kb / 10P
   Wideband LNA
TGA2513-EPU TRIQUINT-TGA2513-EPU Datasheet
898Kb / 10P
   Wideband LNA with AGC
TGA1319C-EPU TRIQUINT-TGA1319C-EPU Datasheet
221Kb / 6P
   Ka Band Wideband LNA/Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com