Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5720VT Datasheet(PDF) 11 Page - HuaXinAn Electronics CO.,LTD

Part # AK5720VT
Description  ADC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

AK5720VT Datasheet(HTML) 11 Page - HuaXinAn Electronics CO.,LTD

Back Button AK5720VT Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD AK5720VT Datasheet HTML 8Page - HuaXinAn Electronics CO.,LTD AK5720VT Datasheet HTML 9Page - HuaXinAn Electronics CO.,LTD AK5720VT Datasheet HTML 10Page - HuaXinAn Electronics CO.,LTD AK5720VT Datasheet HTML 11Page - HuaXinAn Electronics CO.,LTD AK5720VT Datasheet HTML 12Page - HuaXinAn Electronics CO.,LTD AK5720VT Datasheet HTML 13Page - HuaXinAn Electronics CO.,LTD AK5720VT Datasheet HTML 14Page - HuaXinAn Electronics CO.,LTD AK5720VT Datasheet HTML 15Page - HuaXinAn Electronics CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
[AK5720]
MS1641-J-00
2014/04
- 10 -
Parameter
Symbol
min
typ
max
Unit
Audio Interface Timing (Slave mode)
Normal mode
BICK Period
BICK Pulse Width Low
Pulse Width High
LRCK Edge to BICK “”
(Note 8)
BICK “” to LRCK Edge
(Note 8)
LRCK to SDTO (MSB) (Except I
2S mode)
BICK “” to SDTO
tBCK
tBCKL
tBCKH
tLRB
tBLR
tLRS
tBSD
160
65
65
30
30
35
35
ns
ns
ns
ns
ns
ns
ns
TDM256 mode
BICK Period
BICK Pulse Width Low
Pulse Width High
LRCK Edge to BICK “”
(Note 8)
BICK “” to LRCK Edge
(Note 8)
SDTO Setup time BICK “”
SDTO Hold BICK “”
TDMI Hold Time
TDMI Setup Time
tBCK
tBCKL
tBCKH
tLRB
tBLR
tBSS
tBSH
tSDH
tSDS
40
16
16
10
10
7
6
4
5
ns
ns
ns
ns
ns
ns
ns
ns
ns
Audio Interface Timing (Master mode)
Normal mode
BICK Frequency
BICK Duty
BICK “” to LRCK
BICK “” to SDTO
fBCK
dBCK
tMBLR
tBSD
20
40
64fs
50
20
40
Hz
%
ns
ns
TDM256 mode
BICK Frequency
BICK Duty
(Note 9)
BICK “” to LRCK
SDTO Setup time BICK “”
SDTO Hold BICK “”
TDMI Hold Time
TDMI Setup Time
fBCK
dBCK
tMBLR
tBSS
tBSH
tSDH
tSDS
10
7
6
4
5
256fs
50
10
Hz
%
ns
ns
ns
ns
ns
Power-Down & Reset Timing
PDN Pulse Width
(Note 10)
PDN Reject Pulse Width
(Note 10)
PDN “” to SDTO valid
(Note 11)
tPD
tRPD
tPDV
150
4129
30
ns
ns
1/fs
Note 8. この規格値はLRCKのエッジとBICKの“”が重ならないように規定しています。
Note 9. MCLKのデューティが50%のとき。
Note 10. 電源投入時はPDN pin を“L” にすることでリセットがかかります。150ns以上のPDN pin = “L”パ
ルスでリセットがかかります。30ns以下のPDN pin= “L”パルスではリセットはかかりません。
Note 11. PDN pin を立ち上げてからのLRCKクロックの “” の回数です。


Similar Part No. - AK5720VT

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5720VT AKM-AK5720VT Datasheet
823Kb / 25P
   96kHz 24-Bit ?꾬걪 ADC
More results

Similar Description - AK5720VT

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0118C SAMSUNG-KS0118C Datasheet
71Kb / 10P
   GENLOCK ADC
logo
List of Unclassifed Man...
FZ800E-ADC-CDS ETC-FZ800E-ADC-CDS Datasheet
79Kb / 1P
   ADC-CDS
logo
Advantech Co., Ltd.
AMIS-850T ADVANTECH-AMIS-850T Datasheet
280Kb / 2P
   Compact ADC
7-Nov-2022
logo
Analog Devices
AD9226 AD-AD9226_17 Datasheet
1,018Kb / 29P
   ADC Converter
MT-022 AD-MT-022 Datasheet
295Kb / 12P
   ADC Architectures III: Sigma-Delta ADC Basics
Rev.A, 10/08, WK
logo
HuaXinAn Electronics CO...
AK5556VN HUAXINAN-AK5556VN Datasheet
135Kb / 5P
   ADC with 4Filters
logo
Analog Devices
AD7730 AD-AD7730_15 Datasheet
321Kb / 53P
   Bridge Transducer ADC
REV. B
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
AD7730 AD-AD7730_12 Datasheet
321Kb / 53P
   Bridge Transducer ADC
REV. B
logo
Wolfson Microelectronic...
WM8739 WOLFSON-WM8739 Datasheet
349Kb / 35P
   STEREO AUDIO ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com