Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8160BV Datasheet(PDF) 8 Page - HuaXinAn Electronics CO.,LTD

Part # AK8160BV
Description  Low Power & Low Jitter Clock Generator for PCI Express
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

AK8160BV Datasheet(HTML) 8 Page - HuaXinAn Electronics CO.,LTD

Back Button AK8160BV Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD AK8160BV Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD AK8160BV Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD AK8160BV Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD AK8160BV Datasheet HTML 8Page - HuaXinAn Electronics CO.,LTD AK8160BV Datasheet HTML 9Page - HuaXinAn Electronics CO.,LTD AK8160BV Datasheet HTML 10Page - HuaXinAn Electronics CO.,LTD AK8160BV Datasheet HTML 11Page - HuaXinAn Electronics CO.,LTD AK8160BV Datasheet HTML 12Page - HuaXinAn Electronics CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
[AK8160BV]
Draft-E-00
2014/03
- 8 -
AC Characteristics (except Differential Output)
All specifications at VDD: over 3.0V to 3.6V, Ta: -40 to +105C, 25MHz Crystal, unless otherwise noted
Note:
(1) Specification of Frequency Accuracy is measured by connecting the standard 25MHz crystal unit for
part number XRCGB25M000F3M00R0 of Murata Manufacturing Co., Ltd. on page 11.
This Output Clock Frequency Accuracy does not include accuracy of crystal unit.
Total output clock frequency accuracy could be up to “Output Clock Frequency Accuracy” +
“Crystal unit accuracy”.
(2) Use Case of External Clock Input
(3) Transition time between 0.2VDD and 0.8VDD
(4) When the standard 25MHz Crystal Unit is connected.
(5) When the Duty Cycle of External Clock Input is 50%.
(6) 1σ in 10000 sampling or more
(7) Transition time to settle output into ±0.1% of specified frequency after escaping power down mode.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Crystal Clock Frequency
Fin_xo
XIN pin
XOUT pin
25.000
MHz
Oscillation Accuracy
Faccuracy
REFOUT pin (1)
-30
0
+30
ppm
External Clock Frequency
Fin_ext
XIN pin (2)
25.000
MHz
Input Clock Voltage Swing
Vswing_ext
XIN pin (2)
1
VDD
Vpp
Input Clock Duty Cycle
Textindc
XIN pin (2)
50
%
Output Frequency
Fosc
REFOUT pin
25.000
MHz
Output Rising and Falling
TRF
REFOUT pin (3)
1.8
5.0
ns
Output Clock Duty Cycle
Toutdc_xtal (4)
REFOUT pin
45
50
55
%
Toutdc_ext (5)
REFOUT pin
40
60
%
Cycle to Cycle Jitter
Jitc2c
REFOUT pin (6)
23
48
ps
Output Lock Time
Tlock
REFOUT pin (7)
0.5
2
ms


Similar Part No. - AK8160BV

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8160BV2 AKM-AK8160BV2 Datasheet
351Kb / 16P
   Low Power & Low Jitter Clock Generator for PCI Express
More results

Similar Description - AK8160BV

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8160B2 AKM-AK8160B2 Datasheet
338Kb / 16P
   Low Power & Low Jitter Clock Generator for PCI Express
AK8160BV2 AKM-AK8160BV2 Datasheet
351Kb / 16P
   Low Power & Low Jitter Clock Generator for PCI Express
logo
Integrated Device Techn...
ICS841S01 IDT-ICS841S01 Datasheet
285Kb / 16P
   PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC01 SPECTRALINEAR-CY28SRC01 Datasheet
94Kb / 9P
   PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28517 CYPRESS-CY28517 Datasheet
304Kb / 12P
   PCI Express Clock Generator
logo
Integrated Device Techn...
ICS841S02I IDT-ICS841S02I Datasheet
547Kb / 17P
   PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC02 SPECTRALINEAR-CY28SRC02 Datasheet
95Kb / 9P
   PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28SRC04 CYPRESS-CY28SRC04 Datasheet
162Kb / 10P
   PCI-Express Clock Generator
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com