Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1153ADSXX Datasheet(PDF) 7 Page - HuaXinAn Electronics CO.,LTD

Part # AP1153ADSXX
Description  Output LDO Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

AP1153ADSXX Datasheet(HTML) 7 Page - HuaXinAn Electronics CO.,LTD

Back Button AP1153ADSXX Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD AP1153ADSXX Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD AP1153ADSXX Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD AP1153ADSXX Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD AP1153ADSXX Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD AP1153ADSXX Datasheet HTML 8Page - HuaXinAn Electronics CO.,LTD AP1153ADSXX Datasheet HTML 9Page - HuaXinAn Electronics CO.,LTD AP1153ADSXX Datasheet HTML 10Page - HuaXinAn Electronics CO.,LTD AP1153ADSXX Datasheet HTML 11Page - HuaXinAn Electronics CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
[AP1153ADSXX]
Rev.0.0
- 7 -
2014/07
10. Electrical Characteristics
■ Electrical Characteristics of Ta=Tj=25
C
The parameters with min or max values will be guaranteed at Ta=Tj=25C.
(VIN=Vouttyp+1V,Vcont=1.8V,Ta=Tj=25C, unless otherwise specified.)
Parameter
Symbol
Condition
min
typ
max
Unit
Output Voltage
Vout
Iout = 5mA
(
Table 3, Table 4)
V
Line Regulation
LinReg
Vin = 5V
-
0.0
5.0
mV
Load Regulation
LoaReg
Iout = 5mA ~ 50mA
(
Table 3, Table 4)
mV
Iout = 5mA ~ 100mA
mV
Dropout Voltage (Note 2)
Vdrop
Iout = 50mA
-
90
160
mV
Iout = 100mA
-
160
280
mV
Output Current(Note 3)
Iout
-
-
100
mA
Maximum Output Current
(Note
3)
IoutMAX
Vout=VoutTYP0.9
150
200
-
mA
Supply Current
Icc
Iout = 0mA
-
75
120
μA
Standby Current
Istandby
Vcont = 0V
-
0.0
0.1
μA
Quiescent Current
Iq
Iout = 50mA
-
1.5
2.7
mA
Control Terminal
Control Current
Icont
Vcont = 1.8V
-
5.0
15.0
μA
Control Voltage
Vcont
Vout ON state
1.8
-
-
V
Vout OFF state
-
-
0.35
V
Reference Value
Np Terminal Voltage
Vnp
-
1.26
-
V
Output Voltage / Temp.
Vout/Ta
-
35
-
ppm
/C
Short Circuit Current
ISHORT
-
200
-
mA
Output Noise Voltage
(VoutTYP=3.0V)
Vnoise
Cout=1.0F, Cnp=0.01F
Iout=30mA
-
38
-
μV
rms
Ripple Rejection
(VoutTYP=3.0V)
RR
Cout=1.0F, Cnp=0.001F
Iout=10mA, f=1kHz
-
80
-
dB
f=10kHz
-
70
-
dB
Rise Time
(VoutTYP=3.0V)
tr
Cout=1.0F, Cnp=0.001F
Vcont: Pulse Wave (100Hz)
Vcont ON → Vout95%
point
-
35
-
μs
Note 2.
For Vout  2.0V , no regulations.
Note 3. The maximum output current is limited by power dissipation.
General Note:
Parameter with only typical value is for reference only.


Similar Part No. - AP1153ADSXX

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1153ADSXX AKM-AP1153ADSXX Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
More results

Similar Description - AP1153ADSXX

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP1154ADLXX HUAXINAN-AP1154ADLXX Datasheet
1Mb / 32P
   Output LDO Regulator
AP1150ADSXX HUAXINAN-AP1150ADSXX Datasheet
719Kb / 19P
   Output LDO Regulator
logo
Rohm
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Micrel Semiconductor
MIC5219 MICREL-MIC5219 Datasheet
118Kb / 12P
   500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_09 Datasheet
405Kb / 14P
   500mA-Peak Output LDO Regulator
logo
Rohm
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
   300mA Variable Output LDO Regulator
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
logo
Interpion semiconductor
IP1524 INTERPION-IP1524 Datasheet
226Kb / 12P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com