Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1150ADS35 Datasheet(PDF) 10 Page - HuaXinAn Electronics CO.,LTD

Part # AP1150ADS35
Description  Output LDO Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

AP1150ADS35 Datasheet(HTML) 10 Page - HuaXinAn Electronics CO.,LTD

Back Button AP1150ADS35 Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD AP1150ADS35 Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD AP1150ADS35 Datasheet HTML 8Page - HuaXinAn Electronics CO.,LTD AP1150ADS35 Datasheet HTML 9Page - HuaXinAn Electronics CO.,LTD AP1150ADS35 Datasheet HTML 10Page - HuaXinAn Electronics CO.,LTD AP1150ADS35 Datasheet HTML 11Page - HuaXinAn Electronics CO.,LTD AP1150ADS35 Datasheet HTML 12Page - HuaXinAn Electronics CO.,LTD AP1150ADS35 Datasheet HTML 13Page - HuaXinAn Electronics CO.,LTD AP1150ADS35 Datasheet HTML 14Page - HuaXinAn Electronics CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
[AP1150ADSXX]
Rev.0.2
- 10 -
2014/07
Table 6. Optional Voltage Version
Part Number
Output Voltage
Load Regulation
Iout = 100mA
Iout = 200mA
MIN
TYP
MAX
MIN
TYP
TYP
MIN
V
V
V
V
V
mV
V
AP1150ADS13
1.220
1.300
1.380
10
26
20
60
AP1150ADS14
1.320
1.400
1.480
10
26
20
61
AP1150ADS16
1.520
1.600
1.680
10
27
21
65
AP1150ADS17
1.620
1.700
1.780
10
28
21
61
AP1150ADS19
1.820
1.900
1.980
10
28
22
65
AP1150ADS20
1.920
2.000
2.080
10
29
22
66
AP1150ADS21
2.020
2.100
2.180
10
29
23
68
AP1150ADS22
2.120
2.200
2.280
11
29
23
70
AP1150ADS23
2.220
2.300
2.380
11
30
23
72
AP1150ADS24
2.320
2.400
2.480
11
30
24
73
AP1150ADS25
2.420
2.500
2.580
11
30
24
75
AP1150ADS26
2.520
2.600
2.680
11
31
24
77
AP1150ADS27
2.620
2.700
2.780
11
31
25
78
AP1150ADS28
2.720
2.800
2.880
11
32
25
80
AP1150ADS29
2.820
2.900
2.980
11
32
25
82
AP1150ADS31
3.020
3.100
3.180
12
33
26
85
AP1150ADS32
3.120
3.200
3.280
12
33
26
87
AP1150ADS34
3.315
3.400
3.485
12
34
27
90
AP1150ADS35
3.412
3.500
3.588
12
34
27
92
AP1150ADS36
3.510
3.600
3.690
12
34
28
93
AP1150ADS37
3.607
3.700
3.793
12
35
28
95
AP1150ADS38
3.705
3.800
3.895
12
35
29
97
AP1150ADS39
3.802
3.900
3.998
12
36
29
99
AP1150ADS41
3.997
4.100
4.203
13
36
30
102
AP1150ADS42
4.095
4.200
4.305
13
37
30
104
AP1150ADS43
4.192
4.300
4.408
13
37
30
105
AP1150ADS44
4.290
4.400
4.510
13
37
31
107
AP1150ADS46
4.485
4.600
4.715
13
38
31
110
AP1150ADS47
4.582
4.700
4.818
13
38
32
112
AP1150ADS48
4.680
4.800
4.920
14
39
32
114
AP1150ADS49
4.777
4.900
5.023
14
39
32
115
AP1150ADS51
4.972
5.100
5.228
14
40
33
119
AP1150ADS52
5.070
5.200
5.330
14
40
33
120
AP1150ADS53
5.167
5.300
5.433
14
41
34
122
AP1150ADS55
5.265
5.400
5.535
14
41
34
124
AP1150ADS60
5.850
6.000
6.150
15
43
36
134
AP1150ADS65
6.337
6.500
6.663
15
45
38
142
AP1150ADS70
6.825
7.000
7.175
16
47
39
151
AP1150ADS75
7.312
7.500
7.688
17
49
41
159
AP1150ADS80
7.800
8.000
8.200
17
50
43
168
AP1150ADS85
8.287
8.500
8.713
18
52
44
176
AP1150ADS90
8.775
9.000
9.225
18
54
46
185
AP1150ADS95
9.262
9.500
9.738
19
56
48
193


Similar Part No. - AP1150ADS35

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1150ADS35 AKM-AP1150ADS35 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
More results

Similar Description - AP1150ADS35

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP1153ADSXX HUAXINAN-AP1153ADSXX Datasheet
1Mb / 29P
   Output LDO Regulator
AP1154ADLXX HUAXINAN-AP1154ADLXX Datasheet
1Mb / 32P
   Output LDO Regulator
logo
Rohm
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Micrel Semiconductor
MIC5219 MICREL-MIC5219 Datasheet
118Kb / 12P
   500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_09 Datasheet
405Kb / 14P
   500mA-Peak Output LDO Regulator
logo
Rohm
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
   300mA Variable Output LDO Regulator
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
logo
Interpion semiconductor
IP1524 INTERPION-IP1524 Datasheet
226Kb / 12P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com