Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1150ADS38 Datasheet(PDF) 8 Page - HuaXinAn Electronics CO.,LTD

Part # AP1150ADS38
Description  Output LDO Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

AP1150ADS38 Datasheet(HTML) 8 Page - HuaXinAn Electronics CO.,LTD

Back Button AP1150ADS38 Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD AP1150ADS38 Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD AP1150ADS38 Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD AP1150ADS38 Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD AP1150ADS38 Datasheet HTML 8Page - HuaXinAn Electronics CO.,LTD AP1150ADS38 Datasheet HTML 9Page - HuaXinAn Electronics CO.,LTD AP1150ADS38 Datasheet HTML 10Page - HuaXinAn Electronics CO.,LTD AP1150ADS38 Datasheet HTML 11Page - HuaXinAn Electronics CO.,LTD AP1150ADS38 Datasheet HTML 12Page - HuaXinAn Electronics CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
[AP1150ADSXX]
Rev.0.2
- 8 -
2014/07
Table 4. Optional Voltage Version
Part Number
Output Voltage
Load Regulation
Iout = 100mA
Iout = 200mA
MIN
TYP
MAX
MIN
TYP
TYP
MIN
V
V
V
V
V
mV
V
AP1150ADS13
1.250
1.300
1.350
10
22
20
47
AP1150ADS14
1.350
1.400
1.450
10
22
20
48
AP1150ADS16
1.550
1.600
1.650
10
23
21
50
AP1150ADS17
1.650
1.700
1.750
10
23
21
51
AP1150ADS19
1.850
1.900
1.950
10
24
22
52
AP1150ADS20
1.950
2.000
2.050
10
24
22
53
AP1150ADS21
2.050
2.100
2.150
10
24
23
54
AP1150ADS22
2.150
2.200
2.250
11
25
23
55
AP1150ADS23
2.250
2.300
2.350
11
25
23
55
AP1150ADS24
2.350
2.400
2.450
11
25
24
56
AP1150ADS25
2.450
2.500
2.550
11
25
24
57
AP1150ADS26
2.550
2.600
2.650
11
26
24
58
AP1150ADS27
2.650
2.700
2.750
11
26
25
59
AP1150ADS28
2.750
2.800
2.850
11
26
25
60
AP1150ADS29
2.850
2.900
2.950
11
27
25
60
AP1150ADS31
3.050
3.100
3.150
12
27
26
62
AP1150ADS32
3.150
3.200
3.250
12
27
26
63
AP1150ADS34
3.349
3.400
3.451
12
28
27
64
AP1150ADS35
3.447
3.500
3.553
12
28
27
65
AP1150ADS36
3.546
3.600
3.654
12
28
28
66
AP1150ADS37
3.644
3.700
3.756
12
29
28
67
AP1150ADS38
3.743
3.800
3.857
12
29
29
68
AP1150ADS39
3.841
3.900
3.959
12
29
29
69
AP1150ADS41
4.038
4.100
4.162
13
30
30
70
AP1150ADS42
4.137
4.200
4.263
13
30
30
71
AP1150ADS43
4.235
4.300
4.365
13
30
30
72
AP1150ADS44
4.334
4.400
4.466
13
31
31
73
AP1150ADS46
4.531
4.600
4.669
13
31
31
74
AP1150ADS47
4.629
4.700
4.771
13
31
32
75
AP1150ADS48
4.728
4.800
4.872
14
32
32
76
AP1150ADS49
4.826
4.900
4.974
14
32
32
77
AP1150ADS51
5.023
5.100
5.177
14
33
33
78
AP1150ADS52
5.122
5.200
5.278
14
33
33
79
AP1150ADS53
5.220
5.300
5.380
14
33
34
80
AP1150ADS55
5.319
5.400
5.481
14
33
34
81
AP1150ADS60
5.910
6.000
6.090
15
35
36
86
AP1150ADS65
6.402
6.500
6.598
15
36
38
90
AP1150ADS70
6.895
7.000
7.105
16
38
39
94
AP1150ADS75
7.387
7.500
7.613
17
39
41
98
AP1150ADS80
7.880
8.000
8.120
17
40
43
102
AP1150ADS85
8.372
8.500
8.628
18
42
44
106
AP1150ADS90
8.865
9.000
9.136
18
43
46
110
AP1150ADS95
9.357
9.500
9.643
19
45
48
114


Similar Part No. - AP1150ADS38

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1150ADS38 AKM-AP1150ADS38 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
More results

Similar Description - AP1150ADS38

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP1153ADSXX HUAXINAN-AP1153ADSXX Datasheet
1Mb / 29P
   Output LDO Regulator
AP1154ADLXX HUAXINAN-AP1154ADLXX Datasheet
1Mb / 32P
   Output LDO Regulator
logo
Rohm
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Micrel Semiconductor
MIC5219 MICREL-MIC5219 Datasheet
118Kb / 12P
   500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_09 Datasheet
405Kb / 14P
   500mA-Peak Output LDO Regulator
logo
Rohm
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
   300mA Variable Output LDO Regulator
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
logo
Interpion semiconductor
IP1524 INTERPION-IP1524 Datasheet
226Kb / 12P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com