Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1153ADS37 Datasheet(PDF) 8 Page - HuaXinAn Electronics CO.,LTD

Part # AP1153ADS37
Description  Output LDO Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

AP1153ADS37 Datasheet(HTML) 8 Page - HuaXinAn Electronics CO.,LTD

Back Button AP1153ADS37 Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD AP1153ADS37 Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD AP1153ADS37 Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD AP1153ADS37 Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD AP1153ADS37 Datasheet HTML 8Page - HuaXinAn Electronics CO.,LTD AP1153ADS37 Datasheet HTML 9Page - HuaXinAn Electronics CO.,LTD AP1153ADS37 Datasheet HTML 10Page - HuaXinAn Electronics CO.,LTD AP1153ADS37 Datasheet HTML 11Page - HuaXinAn Electronics CO.,LTD AP1153ADS37 Datasheet HTML 12Page - HuaXinAn Electronics CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
[AP1153ADSXX]
Rev.0.0
- 8 -
2014/07
Table 3. Standard Voltage Version
Part Number
Output Voltage
Load Regulation
Iout = 50mA
Iout = 100mA
MIN
TYP
MAX
MIN
TYP
TYP
MIN
V
V
V
V
V
mV
mV
AP1153ADS18
1.750
1.800
1.850
5
12
11
26
AP1153ADS21
2.050
2.100
2.150
5
12
12
28
AP1153ADS28
2.750
2.800
2.850
6
14
14
34
AP1153ADS30
2.950
3.000
3.050
6
15
15
35
AP1153ADS33
3.250
3.300
3.350
7
16
16
37
AP1153ADS50
4.925
5.000
5.075
9
20
21
50
Table 4. Optional Voltage Version
Part Number
Output Voltage
Load Regulation
Iout = 50mA
Iout = 100mA
MIN
TYP
MAX
MIN
TYP
TYP
MIN
V
V
V
V
V
mV
mV
AP1153ADS13
1.250
1.300
1.350
5
10
10
22
AP1153ADS14
1.350
1.400
1.450
5
10
10
23
AP1153ADS15
1.450
1.500
1.550
5
11
10
24
AP1153ADS16
1.550
1.600
1.650
5
11
11
25
AP1153ADS17
1.650
1.700
1.750
5
11
11
25
AP1153ADS19
1.850
1.900
1.950
5
12
11
27
AP1153ADS20
1.950
2.000
2.050
5
12
12
28
AP1153ADS22
2.150
2.200
2.250
6
13
12
29
AP1153ADS23
2.250
2.300
2.350
6
13
13
30
AP1153ADS24
2.350
2.400
2.450
6
13
13
31
AP1153ADS25
2.450
2.500
2.550
6
14
13
31
AP1153ADS26
2.550
2.600
2.650
6
14
14
32
AP1153ADS27
2.650
2.700
2.750
6
14
14
33
AP1153ADS29
2.850
2.900
2.950
6
15
15
34
AP1153ADS31
3.050
3.100
3.150
7
15
15
36
AP1153ADS32
3.150
3.200
3.250
7
15
16
37
AP1153ADS34
3.349
3.400
3.451
7
16
16
38
AP1153ADS35
3.447
3.500
3.553
7
16
16
39
AP1153ADS36
3.546
3.600
3.654
7
17
17
40
AP1153ADS37
3.644
3.700
3.756
7
17
17
40
AP1153ADS38
3.743
3.800
3.857
7
17
17
41
AP1153ADS39
3.841
3.900
3.959
8
17
18
42
AP1153ADS40
3.940
4.000
4.060
8
18
18
43
AP1153ADS41
4.038
4.100
4.162
8
18
18
43
AP1153ADS42
4.137
4.200
4.263
8
18
19
44
AP1153ADS43
4.235
4.300
4.365
8
18
19
45
AP1153ADS44
4.334
4.400
4.466
8
19
19
46
AP1153ADS45
4.432
4.500
4.568
8
19
20
46
AP1153ADS46
4.531
4.600
4.669
8
19
20
47
AP1153ADS47
4.629
4.700
4.771
8
20
20
48
AP1153ADS48
4.728
4.800
4.872
9
20
21
49
AP1153ADS49
4.826
4.900
4.974
9
20
21
49


Similar Part No. - AP1153ADS37

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1153ADS37 AKM-AP1153ADS37 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1153ADS37 AKM-AP1153ADS37 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
More results

Similar Description - AP1153ADS37

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP1154ADLXX HUAXINAN-AP1154ADLXX Datasheet
1Mb / 32P
   Output LDO Regulator
AP1150ADSXX HUAXINAN-AP1150ADSXX Datasheet
719Kb / 19P
   Output LDO Regulator
logo
Rohm
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Micrel Semiconductor
MIC5219 MICREL-MIC5219 Datasheet
118Kb / 12P
   500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_09 Datasheet
405Kb / 14P
   500mA-Peak Output LDO Regulator
logo
Rohm
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
   300mA Variable Output LDO Regulator
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
logo
Interpion semiconductor
IP1524 INTERPION-IP1524 Datasheet
226Kb / 12P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com