Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TESD712G2B Datasheet(PDF) 2 Page - StarHope

Part # TESD712G2B
Description  Asymmetrical TVS Diode for Extended Common-Mode RS-485
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

TESD712G2B Datasheet(HTML) 2 Page - StarHope

  TESD712G2B Datasheet HTML 1Page - StarHope TESD712G2B Datasheet HTML 2Page - StarHope TESD712G2B Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TESD712G2B
ESD/TESD** Series
02 | www.spsemi.cn
(V)
(V)
@5A
(µA)
(pF)
(max.)
(min.)
(mA)
(max.) (max.)
(@A)
(max.)
(typ.)
M72
Pin 3
to
Pin 1 /
Pin2
Pin 1 /
Pin 2
to
MAXIMUM RATINGS (@ 25℃ Unless Otherwise Specified)
Lead Soldering Temperature
Operating Temperature Range
TL
260 (10 sec.)
DEVICE CHARACTERISTICS
VB
PART NUMBER
DEVICE
MARKING
VRWM
Storage Temperature Range
TSTG
-55 ~ 150
UNITS
Peak Pulse Power (tp=8/20µs waveform)
TJ
-55 ~ 150
17
10
55
VC
IT
7
7.5
1
10
12
400
Watts
PARAMETER
SYMBOL
VALUE
PPP
12
13.3
1
20
26
17
1
55
ELECTRICAL CHARACTERISTICS PER LINE (@ 25℃ Unless Otherwise Specified)
VC
IR
CT
to
Pin 3
TESD712G2B
REV.2014.05.01


Similar Part No. - TESD712G2B

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
TESD03EB DGNJDZ-TESD03EB Datasheet
957Kb / 3P
   SOD-523 Bidirectional TVS Diode
logo
StarHope
TESD03FB SPSEMI-TESD03FB Datasheet
389Kb / 3P
   BIDIRECTIONAL TVS DIODE ARRAY
TESD03FU SPSEMI-TESD03FU Datasheet
369Kb / 3P
   500W Unidirectional TVS Diode
TESD03G2B SPSEMI-TESD03G2B Datasheet
459Kb / 3P
   BIDIRECTIONAL TVS DIODE ARRAY FOR LATCH-UP PROTECTION
TESD03G2U SPSEMI-TESD03G2U Datasheet
506Kb / 3P
   BIDIRECTIONAL TVS DIODE ARRAY FOR LATCH-UP PROTECTION
More results

Similar Description - TESD712G2B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SM712 SEMTECH-SM712 Datasheet
147Kb / 6P
   Asymmetrical TVS Diode for Extended Common-Mode RS-485
logo
KEC(Korea Electronics)
PG712FBS23 KEC-PG712FBS23 Datasheet
401Kb / 3P
   Asymmetrical TVS Diode for Extended Common-Mode RS-485
logo
Diotech Company.
SM712 DIOTECH-SM712 Datasheet
1Mb / 4P
   Asymmetrical TVS Diode for Extended Common-Mode RS-485
logo
Rectron Semiconductor
RSM712 RECTRON-RSM712 Datasheet
121Kb / 5P
   Asymmetrical TVS Diode for Extended Common-Mode RS-485
logo
First Silicon Co., Ltd
FTV712G2B FS-FTV712G2B Datasheet
388Kb / 3P
   Asymmetrical TVS Diode for Extended Common-Mode RS-485
logo
Semtech Corporation
SM712 SEMTECH-SM712_04 Datasheet
147Kb / 6P
   Asymmetrical TVS Diode for Extended Common-Mode RS-485
logo
SHIKUES Electronics
SM712 SKTECHNOLGY-SM712 Datasheet
649Kb / 4P
   Asymmetrical TVS Diode for Extended Common-Mode RS-485
logo
Shenzhen Luguang Electr...
SM712 LUGUANG-SM712 Datasheet
1Mb / 4P
   Asymmetrical TVS Diode for Extended Common-Mode RS-485
Revision:20170701-P1
logo
Zibo Seno Electronic En...
SM712 ZSELEC-SM712 Datasheet
271Kb / 3P
   Asymmertrical TVS Diode for Extended Common-Mode Rs-485
logo
Shanghai Leiditech Elec...
LM1235P6 LEIDITECH-LM1235P6 Datasheet
2Mb / 5P
   Asymmetrical TVS Diode for Dual Extended Common-Mode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com