Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1153ADS42 Datasheet(PDF) 11 Page - HuaXinAn Electronics CO.,LTD

Part # AP1153ADS42
Description  Output LDO Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

AP1153ADS42 Datasheet(HTML) 11 Page - HuaXinAn Electronics CO.,LTD

Back Button AP1153ADS42 Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD AP1153ADS42 Datasheet HTML 8Page - HuaXinAn Electronics CO.,LTD AP1153ADS42 Datasheet HTML 9Page - HuaXinAn Electronics CO.,LTD AP1153ADS42 Datasheet HTML 10Page - HuaXinAn Electronics CO.,LTD AP1153ADS42 Datasheet HTML 11Page - HuaXinAn Electronics CO.,LTD AP1153ADS42 Datasheet HTML 12Page - HuaXinAn Electronics CO.,LTD AP1153ADS42 Datasheet HTML 13Page - HuaXinAn Electronics CO.,LTD AP1153ADS42 Datasheet HTML 14Page - HuaXinAn Electronics CO.,LTD AP1153ADS42 Datasheet HTML 15Page - HuaXinAn Electronics CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
[AP1153ADSXX]
Rev.0.0
- 11 -
2014/07
11. Description
11.1 DC Characteristics
 Line Regulation
Test conditions
Cnp
0.001F
Cout
1.0F
Iout=5mA
Cin
1.0F
Vcont
1.8V
Vin
=Vout
TYP+1V
Vin
Vout
Vcont
Np
 Iin vs V
IN
Iout=0mA
 Quiescent Current
Iout=0mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
0
2
4
6
8
10
12
14
16
Vin (V)
Vout=
1.5,2.0,3.0,4.0,5.0V
 Load Regulation
 Peak Output Current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
50
100
150
200
250
300
Iout (mA)
5.0V
4.0V
3.0V
2.0V
1.5V
Vout=


Similar Part No. - AP1153ADS42

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1153ADS42 AKM-AP1153ADS42 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1153ADS42 AKM-AP1153ADS42 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
More results

Similar Description - AP1153ADS42

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP1154ADLXX HUAXINAN-AP1154ADLXX Datasheet
1Mb / 32P
   Output LDO Regulator
AP1150ADSXX HUAXINAN-AP1150ADSXX Datasheet
719Kb / 19P
   Output LDO Regulator
logo
Rohm
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Micrel Semiconductor
MIC5219 MICREL-MIC5219 Datasheet
118Kb / 12P
   500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_09 Datasheet
405Kb / 14P
   500mA-Peak Output LDO Regulator
logo
Rohm
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
   300mA Variable Output LDO Regulator
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
logo
Interpion semiconductor
IP1524 INTERPION-IP1524 Datasheet
226Kb / 12P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com