Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TESD03K4B Datasheet(PDF) 1 Page - StarHope

Part # TESD03K4B
Description  Low Capacitance TVS Diode Array
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

TESD03K4B Datasheet(HTML) 1 Page - StarHope

  TESD03K4B Datasheet HTML 1Page - StarHope TESD03K4B Datasheet HTML 2Page - StarHope TESD03K4B Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
APPLICATIONS
◆ RS-232, RS-422 & RS-423 Data Lines
◆ Audio/Video Inputs
◆ Wireless Network Systems
◆ Digit Video Interface (DVI)
◆ Medical Sensors
◆ Notebook Computers
IEC COMPATIBILITY
◆ IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
◆ IEC61000-4-4 (EFT) 40A (5/50ηs)
◆ IEC61000-4-5 (Lightning) 12A (8/20µs)
SOP-08
◆ IEC61000-4-5 (Lightning) 12A (8/20µs)
FEATURES
◆ 500 Watts Peak Pulse Power per Line (tp=8/20µs)
◆ Protects four bidirectional I/O lines
◆ Low clamping voltage
◆ Working voltages : 3.3V, 5V, 12V, 15V and 24V
◆ Low leakage current
MECHANICAL CHARACTERISTICS
◆ JEDEC SOP-08 Package
◆ Molding Compound Flammability Rating : UL 94V-O
◆ Weight 70 Millgrams (Approximate)
◆ Quantity Per Reel : 3,000pcs
◆ Reel Size : 13 inch
◆ Lead Finish : Lead Free
PIN CONFIGURATION
ESD/TESD** Series
01 | www.spsemi.cn
Low Capacitance TVS Diode Array
REV.2014.05.01


Similar Part No. - TESD03K4B

ManufacturerPart #DatasheetDescription
logo
StarHope
TESD03K4U SPSEMI-TESD03K4U Datasheet
522Kb / 3P
   Low Capacitance TVS Diode Array
More results

Similar Description - TESD03K4B

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
   Low Capacitance TVS Diode Array
XBP1004 TOREX-XBP1004 Datasheet
169Kb / 5P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSULC0502T3 YEASHIN-YSULC0502T3 Datasheet
768Kb / 3P
   Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
LC05CD LEIDITECH-LC05CD Datasheet
145Kb / 3P
   Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP14E5UFN-G TOREX-XBP14E5UFN-G Datasheet
187Kb / 6P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSBLCXXC YEASHIN-YSBLCXXC Datasheet
1Mb / 10P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC03C YEASHIN-YSBLC03C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC08C YEASHIN-YSBLC08C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
logo
E-CMOS Corporation
ECGLBXXCG E-CMOS-ECGLBXXCG Datasheet
242Kb / 3P
   Low Capacitance TVS Diode Array
logo
Semtech Corporation
SRV08-4 SEMTECH-SRV08-4 Datasheet
503Kb / 7P
   Low Capacitance TVS Diode Array
SRDA3.3-4 SEMTECH-SRDA3.3-4_03 Datasheet
259Kb / 10P
   Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com