Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TESD15K4B Datasheet(PDF) 2 Page - StarHope

Part # TESD15K4B
Description  Low Capacitance TVS Diode Array
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

TESD15K4B Datasheet(HTML) 2 Page - StarHope

  TESD15K4B Datasheet HTML 1Page - StarHope TESD15K4B Datasheet HTML 2Page - StarHope TESD15K4B Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
19.0
25.9
5
1
100
SMDA
X12C
12.0
13.3
1
ELECTRICAL CHARACTERISTICS PER LINE (@ 25℃ Unless Otherwise Specified)
VC
TESD03K4B
SMDA
X33C
75
450
6.5
3.0
4.0
1
10.9
5
SMDA
X05C
Storage Temperature Range
TSTG
-55 ~ 150
UNITS
Peak Pulse Power (tp=8/20µs waveform)
TJ
-55 ~ 150
Lead Soldering Temperature
Operating Temperature Range
SYMBOL
VALUE
PPP
500
Watts
PARAMETER
(V)
(V)
@1A
(µA)
(pF)
(max.) (min.)
(mA)
(max.) (max.)
(@A)
(max.) (max.)
24.0
30.0
5
1
80
SMDA15C
SMDA
15.0
16.7
1
MAXIMUM RATINGS (@ 25℃ Unless Otherwise Specified)
IR
CT
VC
IT
TL
260 (10 sec.)
DEVICE CHARACTERISTICS
VB
PART NUMBER
DEVICE
MARKING
VRWM
300
5.0
6.0
1
9.8
13.5
5
5
43.0
49.0
5
1
50
SMDA
X24C
24.0
26.7
1
24.0
30.0
5
1
80
SMDA
X15C
15.0
16.7
1
ESD/TESD** Series
02 | www.spsemi.cn
TESD05K4B
TESD12K4B
TESD15K4B
TESD24K4B
REV.2014.05.01


Similar Part No. - TESD15K4B

ManufacturerPart #DatasheetDescription
logo
StarHope
TESD15K4U SPSEMI-TESD15K4U Datasheet
522Kb / 3P
   Low Capacitance TVS Diode Array
More results

Similar Description - TESD15K4B

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
   Low Capacitance TVS Diode Array
XBP1004 TOREX-XBP1004 Datasheet
169Kb / 5P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSULC0502T3 YEASHIN-YSULC0502T3 Datasheet
768Kb / 3P
   Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
LC05CD LEIDITECH-LC05CD Datasheet
145Kb / 3P
   Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP14E5UFN-G TOREX-XBP14E5UFN-G Datasheet
187Kb / 6P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSBLCXXC YEASHIN-YSBLCXXC Datasheet
1Mb / 10P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC03C YEASHIN-YSBLC03C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC08C YEASHIN-YSBLC08C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
logo
E-CMOS Corporation
ECGLBXXCG E-CMOS-ECGLBXXCG Datasheet
242Kb / 3P
   Low Capacitance TVS Diode Array
logo
Semtech Corporation
SRV08-4 SEMTECH-SRV08-4 Datasheet
503Kb / 7P
   Low Capacitance TVS Diode Array
SRDA3.3-4 SEMTECH-SRDA3.3-4_03 Datasheet
259Kb / 10P
   Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com