Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1150ADS75 Datasheet(PDF) 5 Page - HuaXinAn Electronics CO.,LTD

Part # AP1150ADS75
Description  Output LDO Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

AP1150ADS75 Datasheet(HTML) 5 Page - HuaXinAn Electronics CO.,LTD

  AP1150ADS75 Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD AP1150ADS75 Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD AP1150ADS75 Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD AP1150ADS75 Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD AP1150ADS75 Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD AP1150ADS75 Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD AP1150ADS75 Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD AP1150ADS75 Datasheet HTML 8Page - HuaXinAn Electronics CO.,LTD AP1150ADS75 Datasheet HTML 9Page - HuaXinAn Electronics CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
[AP1150ADSXX]
Rev.0.2
- 5 -
2014/07
7. Pin Configurations and Functions
Pin Configurations
(Top View)
5
4
3
2
1
Functions
Pin No.
Pin
Description
Internal Equivalent Circuit
Description
1
VCONT
1
Vcont
320k
500k
On/Off Control Terminal
The pull-down resister (500k) is built-in.
2
GND
GND Terminal
3
Np
Np
3
Noise Bypass Terminal
Connect a bypass capacitor between GND.
4
VOUT
Vout
Vin
Vref
4
Output Terminal
5
VIN
Input Terminal


Similar Part No. - AP1150ADS75

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1150ADS75 AKM-AP1150ADS75 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
More results

Similar Description - AP1150ADS75

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP1153ADSXX HUAXINAN-AP1153ADSXX Datasheet
1Mb / 29P
   Output LDO Regulator
AP1154ADLXX HUAXINAN-AP1154ADLXX Datasheet
1Mb / 32P
   Output LDO Regulator
logo
Rohm
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Micrel Semiconductor
MIC5219 MICREL-MIC5219 Datasheet
118Kb / 12P
   500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_09 Datasheet
405Kb / 14P
   500mA-Peak Output LDO Regulator
logo
Rohm
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
   300mA Variable Output LDO Regulator
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
logo
Interpion semiconductor
IP1524 INTERPION-IP1524 Datasheet
226Kb / 12P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com