Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1150ADS90 Datasheet(PDF) 9 Page - HuaXinAn Electronics CO.,LTD

Part # AP1150ADS90
Description  Output LDO Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

AP1150ADS90 Datasheet(HTML) 9 Page - HuaXinAn Electronics CO.,LTD

Back Button AP1150ADS90 Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD AP1150ADS90 Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD AP1150ADS90 Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD AP1150ADS90 Datasheet HTML 8Page - HuaXinAn Electronics CO.,LTD AP1150ADS90 Datasheet HTML 9Page - HuaXinAn Electronics CO.,LTD AP1150ADS90 Datasheet HTML 10Page - HuaXinAn Electronics CO.,LTD AP1150ADS90 Datasheet HTML 11Page - HuaXinAn Electronics CO.,LTD AP1150ADS90 Datasheet HTML 12Page - HuaXinAn Electronics CO.,LTD AP1150ADS90 Datasheet HTML 13Page - HuaXinAn Electronics CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
[AP1150ADSXX]
Rev.0.2
- 9 -
2014/07
■ Electrical Characteristics of Ta=-40
C~85℃
The parameters with min or max values will be guaranteed at Ta=-40 ~ 85C.
(Vin=VoutTYP+1V,Vcont=1.8V,Ta=-40~85C)
Parameter
Symbol
Condition
min
typ
Max
Unit
Output Voltage
Vout
Iout = 5mA
(Table 5,Table 6)
V
Line Regulation
LinReg
Vin = 5V
-
0.0
8.0
mV
Load Regulation
LoaReg
Iout = 5mA ~ 100mA
(Table 5,Table 6)
mV
Iout = 5mA ~ 200mA
mV
Dropout Voltage (Note 4)
Vdrop
Iout = 50mA
-
80
180
mV
Iout = 100mA
-
120
270
mV
Iout = 180mA
(2.2V≦Vout≦2.3V)
-
230
390
mV
Iout = 200mA
(2.4V≦Vout)
-
200
390
mV
Maximum Output Current (Note 5)
IoutMAX
Vout=Vout,typ  0.9
220
320
-
mA
Short Circuit Current (Note 5)
ISHORT
-
360
-
mA
Quiescent Current
Iq
Iout = 0mA
-
63
120
μA
Standby Current
Istandby
Vcont = 0V
-
0.0
0.5
μA
Ground Pin Current
Ignd
Iout = 50mA
-
1.0
2.2
mA
Control Terminal
Control Current
Icont
Vcont = 1.8V
-
5.0
15.0
μA
Control Voltage
Vcont
Vout ON state
1.8
-
-
V
Vout OFF state
-
-
0.35
V
Note 4. For Vout  2.1V, no regulations.
Note 5. The maximum output current is limited by power dissipation.
Table 5. Standard Voltage Version
Part Number
Output Voltage
Load Regulation
Iout = 100mA
Iout = 200mA
MIN
TYP
MAX
MIN
TYP
TYP
MIN
V
V
V
V
V
mV
V
AP1150ADS15
1.420
1.500
1.580
10
27
21
63
AP1150ADS18
1.720
1.800
1.880
10
28
22
63
AP1150ADS30
2.920
3.000
3.080
11
32
26
83
AP1150ADS33
3.217
3.300
3.383
12
33
27
88
AP1150ADS40
3.900
4.000
4.100
13
36
29
100
AP1150ADS45
4.387
4.500
4.613
13
38
31
109
AP1150ADS50
4.875
5.000
5.125
14
40
33
117
AP1150ADS54
5.265
5.400
5.535
14
41
34
124


Similar Part No. - AP1150ADS90

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1150ADS90 AKM-AP1150ADS90 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
More results

Similar Description - AP1150ADS90

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP1153ADSXX HUAXINAN-AP1153ADSXX Datasheet
1Mb / 29P
   Output LDO Regulator
AP1154ADLXX HUAXINAN-AP1154ADLXX Datasheet
1Mb / 32P
   Output LDO Regulator
logo
Rohm
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Micrel Semiconductor
MIC5219 MICREL-MIC5219 Datasheet
118Kb / 12P
   500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_09 Datasheet
405Kb / 14P
   500mA-Peak Output LDO Regulator
logo
Rohm
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
   300mA Variable Output LDO Regulator
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
logo
Interpion semiconductor
IP1524 INTERPION-IP1524 Datasheet
226Kb / 12P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com