Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SACB12 Datasheet(PDF) 1 Page - StarHope

Part # SACB12
Description  LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE5.0 - 50 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SACB12 Datasheet(HTML) 1 Page - StarHope

  SACB12 Datasheet HTML 1Page - StarHope SACB12 Datasheet HTML 2Page - StarHope SACB12 Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
STAND-OFF VOLTAGE5.0 - 50 Volts
500 watt Peak Pulse Power
SACB
PART
NUMBER
Marking
Code
STAND-
OFF
VOLTAGE
(NOTE1)
VWM
(VOLTS)
MINIMUM
BREAKDOWN
VOLTAGE
AT IT=1.0mA
V(BR)
(VOLTS)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
IR(uA)
MAXIMUM
CLAMPING
VOLTAGE
AT Ipp=5.0A
VC (V)
MAXIMUM
PEAK PULSE
CURRENT
PER FIG.3
Ipp (AMPS)
MAXIMUM
JUNCTION
CAPACITANCE
AT 0 VOLTS
(pF)
WORKING
INVERSE
BLOCKING
VOLTAGE
VWIB
(VOLTS)
INVERSE
BLOCKING
LEAKAGE
CURRENT
VWIB
IIB(mA)
PEAK
INVERSE
BLOCKING
VOLTAGE
VPIB
(VOLTS)
SACB5.0
SKE
5.0
7.6
300
10.0
44.0
45
75
1.0
100
SACB6.0
SKG
6.0
7.9
300
11.2
41.0
45
75
1.0
100
SACB7.0
SKM
7.0
8.3
300
12.6
38.0
45
75
1.0
100
SACB8.0
SKR
8.0
8.9
100
13.4
36.0
45
75
1.0
100
SACB8.5
SKT
8.5
9.44
50
14.0
34.0
45
75
1.0
100
SACB10
SKX
10.0
11.10
5
16.3
29.0
45
75
1.0
100
SACB12
SLE
12.0
13.30
5
19.0
25.0
45
75
1.0
100
SACB15
SLM
15.0
16.70
5
23.6
20.0
45
75
1.0
100
SACB18
SLT
18.0
20.00
5
28.8
15.0
45
75
1.0
100
SACB22
SLX
22.0
24.40
5
35.4
14.0
45
75
1.0
100
SACB26
SME
26.0
28.90
5
42.3
11.1
45
75
1.0
100
SACB30
SMK
30.0
33.30
5
48.6
10.0
45
75
1.0
100
SACB36
SMP
36.0
40.00
5
60.0
8.6
45
75
1.0
100
SACB45
SMV
45.0
50.00
5
77.0
6.8
45
150
1.0
200
SACB50
SMZ
50.0
55.50
5
88.0
5.8
45
150
1.0
200
标注为常用型号
Stand for commonly used models
" * "
" * "
*
01 | www.spsemi.cn
SACB(500W) Series
REV.2014.05.01


Similar Part No. - SACB12

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SACB12 LITTELFUSE-SACB12 Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
SACB12 LITTELFUSE-SACB12 Datasheet
3Mb / 146P
   TVS Diode Products
logo
Socay Electornics Co., ...
SACB12 SOCAY-SACB12 Datasheet
325Kb / 4P
   Surface Mount Transient Voltage Suppressors
SACB12 SOCAY-SACB12 Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
PACELEADER INDUSTRIAL
SACB12 PACELEADER-SACB12 Datasheet
306Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SACB12

ManufacturerPart #DatasheetDescription
logo
StarHope
SAC SPSEMI-SAC Datasheet
284Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-5.0 TO 50 Volts
TVS-SACB SPSEMI-TVS-SACB Datasheet
105Kb / 4P
   Low Capacitance Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 50 Volts 500 Watt Peak Pulse Power
TVS-SAC SPSEMI-TVS-SAC Datasheet
282Kb / 4P
   Low Capacitance Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 50 Volts 500 Watt Peak Pulse Power
logo
EIC discrete Semiconduc...
SAC EIC-SAC Datasheet
38Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR
logo
StarHope
SMDJ SPSEMI-SMDJ Datasheet
404Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 170 Volts
SMBJ SPSEMI-SMBJ Datasheet
447Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMAJ SPSEMI-SMAJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
logo
MDE Semiconductor, Inc.
LC3KP6.5CA MDE-LC3KP6.5CA Datasheet
47Kb / 2P
   LOW CAPACITANCE BI DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE- 6.5 - 28 Volts 3000 Watt Peak Pulse Power
logo
StarHope
SMCJ SPSEMI-SMCJ Datasheet
710Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMBJ SPSEMI-SMBJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com